Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 24 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 24 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 20Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 21Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 22Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 23Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 24Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 25Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 26Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 27Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 28Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-10
Revision 3
Table 2-11 • Quiescent Supply Current (IDD), Static Mode and Active Mode 1
Core Voltage
A3PE600L
A3PE3000L
Units
ICCA Current2
Nominal (25°C)
1.2 V
0.55
2.75
mA
1.5 V
0.83
4.2
mA
Typical maximum (25°C)
1.2 V
9
17
mA
1.5 V
12
20
mA
Military maximum (125°C)
1.2 V
65
165
mA
1.5 V
85
185
mA
ICCI or IJTAG Current3
VCCI / VJTAG = 1.2 V (per bank)
Typical (25°C)
1.2 V
1.7
1.7
µA
VCCI / VJTAG = 1.5 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
1.8
1.8
µA
VCCI / VJTAG = 1.8 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
1.9
1.9
µA
VCCI / VJTAG = 2.5 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
2.2
2.2
µA
VCCI / VJTAG = 3.3 V (per bank)
Typical (25°C)
1.2 V / 1.5 V
2.5
2.5
µA
Notes:
1. IDD = NBANKS × ICCI + ICCA. JTAG counts as one bank when powered.
2. Includes VCC , VCCPLL, and VPUMP currents.
3. Values do not include I/O static contribution (PDC6 and PDC7).
Table 2-12 • Quiescent Supply Current (IDD) Characteristics for A3P250 and A3P1000
Core Voltage
A3P250
A3P1000
Units
Nominal (25°C)
1.5 V
3
8
mA
Typical maximum (25°C)
1.5 V
15
30
mA
Military maximum (125°C)
1.5 V
65
150
mA
Note:
IDD includes VCC , VPUMP, VCCI, and VMV currents. Values do not include I/O static contribution (PDC6 and PDC7),
which is shown in Table 2-21 on page 2-16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com