Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 81 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 81 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 77Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 78Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 79Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 80Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 81Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 82Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 83Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 84Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 85Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-67
Table 2-101 • 1.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
9.78
0.05
1.44
0.45
9.96
8.57
3.74
2.91
12.42
11.03
ns
–1
0.54
8.32
0.04
1.23
0.39
8.47
7.29
3.18
2.47
10.56
9.38
ns
4 mA
Std.
0.63
8.44
0.05
1.44
0.45
8.60
7.59
4.12
3.60
11.06
10.05
ns
–1
0.54
7.18
0.04
1.23
0.39
7.32
6.46
3.51
3.06
9.41
8.55
ns
6 mA
Std.
0.63
7.95
0.05
1.44
0.45
8.10
7.39
4.21
3.78
10.56
9.85
ns
–1
0.54
6.77
0.04
1.23
0.39
6.89
6.29
3.58
3.21
8.98
8.38
ns
8 mA
Std.
0.63
7.84
0.05
1.44
0.45
7.98
7.47
4.35
4.45
10.44
9.92
ns
–1
0.54
6.67
0.04
1.23
0.39
6.79
6.35
3.70
3.79
8.88
8.44
ns
12 mA
Std.
0.63
7.84
0.05
1.44
0.45
7.98
7.47
4.35
4.45
10.44
9.92
ns
–1
0.54
6.67
0.04
1.23
0.39
6.79
6.35
3.70
3.79
8.88
8.44
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-102 • 1.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Advanced I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
3.98
0.05
1.58
0.45
4.06
3.80
3.73
3.04
6.52
6.26
ns
–1
0.54
3.39
0.04
1.35
0.39
3.45
3.23
3.17
2.59
5.54
5.32
ns
4 mA
Std.
0.63
3.47
0.05
1.58
0.45
3.53
3.15
4.11
3.74
5.99
5.61
ns
–1
0.54
2.95
0.04
1.35
0.39
3.01
2.68
3.50
3.18
5.10
4.77
ns
6 mA
Std.
0.63
3.37
0.05
1.58
0.45
3.43
3.02
4.20
3.92
5.89
5.48
ns
–1
0.54
2.87
0.04
1.35
0.39
2.92
2.57
3.57
3.33
5.01
4.66
ns
8 mA
Std.
0.63
3.35
0.05
1.58
0.45
3.41
2.88
4.34
4.62
5.87
5.34
ns
–1
0.54
2.85
0.04
1.35
0.39
2.90
2.45
3.69
3.93
4.99
4.55
ns
12 mA
Std.
0.63
3.35
0.05
1.58
0.45
3.41
2.88
4.34
4.62
5.87
5.34
ns
–1
0.54
2.85
0.04
1.35
0.39
2.90
2.45
3.69
3.93
4.99
4.55
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com