Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 76 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 76 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 72Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 73Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 74Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 75Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 76Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 77Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 78Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 79Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 80Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-62
Revision 3
Table 2-91 • 1.8 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
8.81
0.05
1.43
0.45
8.98
7.51
2.48
1.61
11.44
9.97
ns
–1
0.54
7.50
0.04
1.21
0.39
7.64
6.39
2.11
1.37
9.73
8.48
ns
4 mA
Std.
0.63
7.10
0.05
1.43
0.45
7.23
6.43
2.92
2.75
9.69
8.89
ns
–1
0.54
6.04
0.04
1.21
0.39
6.15
5.47
2.48
2.34
8.24
7.56
ns
6 mA
Std.
0.63
6.06
0.05
1.43
0.45
6.17
5.68
3.23
3.29
8.63
8.14
ns
–1
0.54
5.16
0.04
1.21
0.39
5.25
4.84
2.75
2.80
7.34
6.93
ns
8 mA
Std.
0.63
6.06
0.05
1.43
0.45
6.17
5.68
3.23
3.29
8.63
8.14
ns
–1
0.54
5.16
0.04
1.21
0.39
5.25
4.84
2.75
2.80
7.34
6.93
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.
Table 2-92 • 1.8 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.425 V, Worst-Case VCCI = 1.7 V
Applicable to Standard Plus I/O Banks
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.63
3.94
0.05
1.32
0.45
4.01
3.72
2.47
1.67
6.47
6.18
ns
–1
0.54
3.35
0.04
1.12
0.39
3.41
3.16
2.10
1.42
5.51
5.26
ns
4 mA
Std.
0.63
3.03
0.05
1.32
0.45
3.09
2.75
2.91
2.86
5.55
5.21
ns
–1
0.54
2.58
0.04
1.12
0.39
2.63
2.34
2.48
2.44
4.72
4.43
ns
6 mA
Std.
0.63
2.65
0.05
1.32
0.45
2.70
2.27
3.22
3.41
5.16
4.73
ns
–1
0.54
2.26
0.04
1.12
0.39
2.30
1.93
2.74
2.90
4.39
4.02
ns
8 mA
Std.
0.63
2.65
0.05
1.32
0.45
2.70
2.27
3.22
3.41
5.16
4.73
ns
–1
0.54
2.26
0.04
1.12
0.39
2.30
1.93
2.74
2.90
4.39
4.02
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com