Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 80 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 80 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 76Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 77Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 78Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 79Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 80Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 81Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 82Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 83Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 84Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-66
Revision 3
1.5 V DC Core Voltage
Table 2-99 • 1.5 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.61
9.39 0.04 1.88 2.77
0.40
9.54 7.77 3.22 2.47
11.00
9.24
ns
–1
0.52
7.99 0.03 1.60 2.35
0.34
8.11
6.61 2.74 2.10
9.36
7.86
ns
4 mA
Std.
0.61
8.01 0.04 1.88 2.77
0.40
8.13 6.77 3.58 3.14
9.59
8.24
ns
–1
0.52
6.81 0.03 1.60 2.35
0.34
6.91 5.76 3.05 2.67
8.16
7.01
ns
6 mA
Std.
0.61
7.51 0.04 1.88 2.77
0.40
7.62 6.59 3.66 3.32
9.09
8.05
ns
–1
0.52
6.39 0.03 1.60 2.35
0.34
6.48 5.60 3.12 2.83
7.73
6.85
ns
8 mA
Std.
0.61
7.41 0.04 1.88 2.77
0.40
7.52 6.59 3.41 3.99
8.99
8.06
ns
–1
0.52
6.30 0.03 1.60 2.35
0.34
6.40 5.61 2.90 3.40
7.64
6.85
ns
12 mA
Std.
0.61
7.41 0.04 1.88 2.77
0.40
7.52 6.59 3.41 3.99
8.99
8.06
ns
–1
0.52
6.30 0.03 1.60 2.35
0.34
6.40 5.61 2.90 3.40
7.64
6.85
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-100 • 1.5 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 1.4 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.61
3.78 0.04 1.88 2.77
0.40
3.82 3.43 3.21‘ 2.58
5.29
4.89
ns
–1
0.52
3.21 0.03 1.60 2.35
0.34
3.25 2.92 2.73 2.20
4.50
4.16
ns
4 mA
Std.
0.61
3.20 0.04 1.88 2.77
0.40
3.23 2.79 3.57 3.25
4.70
4.25
ns
–1
0.52
2.72 0.03 1.60 2.35
0.34
2.75 2.37 3.04 2.77
4.00
3.62
ns
6 mA
Std.
0.61
3.09 0.04 1.88 2.77
0.40
3.12 2.67 3.65 3.44
4.59
4.13
ns
–1
0.52
2.63 0.03 1.60 2.35
0.34
2.65 2.27
3.11
2.93
3.90
3.52
ns
8 mA
Std.
0.61
3.05 0.04 1.88 2.77
0.40
3.09 2.52 3.77 4.14
4.55
3.98
ns
–1
0.52
2.60 0.03 1.60 2.35
0.34
2.62 2.14 3.21 3.52
3.87
3.39
ns
12 mA
Std.
0.61
3.05 0.04 1.88 2.77
0.40
3.09 2.52 3.77 4.14
4.55
3.98
ns
–1
0.52
2.60 0.03 1.60 2.35
0.34
2.62 2.14 3.21 3.52
3.87
3.39
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com