Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 73 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 73 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 69Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 70Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 71Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 72Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 73Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 74Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 75Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 76Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 77Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-59
Timing Characteristics
1.2 V DC Core Voltage
Table 2-85 • 1.8 V LVCMOS Low Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.80
9.16 0.05 2.00 2.82
0.52
9.32 7.69 2.77 1.20
11.53
9.89
ns
–1
0.68
7.79 0.05 1.70 2.40
0.44
7.93 6.54 2.36 1.02
9.81
8.42
ns
4 mA
Std.
0.80
7.55 0.05 2.00 2.82
0.52
7.68 6.48 3.23 2.76
9.88
8.68
ns
–1
0.68
6.42 0.05 1.70 2.40
0.44
6.53 5.51 2.75 2.35
8.41
7.38
ns
6 mA
Std.
0.80
6.40 0.05 2.00 2.82
0.52
6.51 5.65 3.54 3.34
8.71
7.85
ns
–1
0.68
5.44 0.05 1.70 2.40
0.44
5.54 4.80 3.01 2.84
7.41
6.68
ns
8 mA
Std.
0.80
6.01 0.05 2.00 2.82
0.52
6.12 5.48 3.61 3.50
8.32
7.69
ns
–1
0.68
5.11
0.05 1.70 2.40
0.44
5.20 4.66 3.07 2.98
7.08
6.54
ns
12 mA
Std.
0.80
5.90 0.05 2.00 2.82
0.52
6.00 5.49 3.71 4.08
8.21
7.70
ns
–1
0.68
5.02 0.05 1.70 2.40
0.44
5.11
4.67 3.16 3.47
6.98
6.55
ns
16 mA
Std.
0.80
5.90 0.05 2.00 2.82
0.52
6.00 5.49 3.71 4.08
8.21
7.70
ns
–1
0.68
5.02 0.05 1.70 2.40
0.44
5.11
4.67 3.16 3.47
6.98
6.55
ns
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.
Table 2-86 • 1.8 V LVCMOS High Slew
Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 1.7 V
Applicable to Pro I/Os for A3PE600L and A3PE3000L Only
Drive
Strength
Speed
Grade
tDOUT
tDP
tDIN
tPY
tPYS tEOUT
tZL
tZH
tLZ
tHZ
tZLS
tZHS
Units
2 mA
Std.
0.80
4.14 0.05 2.00 2.82
0.52
4.21 4.05 2.76 1.23
6.42
6.26
ns
–1
0.68
3.52 0.05 1.70 2.40
0.44
3.58 3.45 2.35 1.04
5.46
5.32
ns
4 mA
Std.
0.80
3.36 0.05 2.00 2.82
0.52
3.41 3.01 3.22 2.85
5.62
5.21
ns
–1
0.68
2.86 0.05 1.70 2.40
0.44
2.90 2.56 2.74 2.42
4.78
4.43
ns
6 mA
Std.
0.80
2.88 0.05 2.00 2.82
0.52
2.93 2.49 3.54 3.43
5.13
4.70
ns
–1
0.68
2.45 0.05 1.70 2.40
0.44
2.49 2.12 3.01 2.92
4.36
3.99
ns
8 mA
Std.
0.80
2.79 0.05 2.00 2.82
0.52
2.83 2.40 3.60 3.59
5.04
4.60
ns
–1
0.68
2.37 0.05 1.70 2.40
0.44
2.41 2.04 3.06 3.05
4.29
3.91
ns
12 mA
Std.
0.80
2.78 0.05 2.00 2.82
0.52
2.82 2.28 3.71 4.21
5.02
4.48
ns
–1
0.68
2.36 0.05 1.70 2.40
0.44
2.40 1.94 3.16 3.58
4.27
3.81
ns
16 mA
Std.
0.80
2.78 0.05 2.00 2.82
0.52
2.82 2.28 3.71 4.21
5.02
4.48
ns
–1
0.68
2.36 0.05 1.70 2.40
0.44
2.40 1.94 3.16 3.58
4.27
3.81
ns
Notes:
1. Software default selection highlighted in gray.
2. For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com