Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 102 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 102 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 98Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 99Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 100Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 101Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 102Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 103Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 104Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 105Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 106Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 212 page
background image
Military ProASIC3/EL DC and Switching Characteristics
2-88
Revision 3
Table 2-159 • Minimum and Maximum DC Input and Output Levels
DC Parameter
Description
Min.
Typ.
Max.
Units
VCCI1
Supply Voltage
2.375
2.5
2.625
V
VOL
Output Low Voltage
0.9
1.075
1.25
V
VOH
Output High Voltage
1.25
1.425
1.6
V
IOL2
Output Lower Current
0.65
0.91
1.16
mA
IOH2
Output High Current
0.65
0.91
1.16
mA
VI
Input Voltage
0
–
2.925
V
IIH 3,4
Input High Leakage Current
––
10
µA
IIL 3,5
Input Low Leakage Current
––
10
µA
VODIFF
Differential Output Voltage
250
350
450
mV
VOCM
Output Common Mode Voltage
1.125
1.25
1.375
V
VICM
Input Common Mode Voltage
0.05
1.25
2.35
V
VIDIFF6
Input Differential Voltage
100
350
–
mV
Notes:
1. ±5%
2. IOL/IOH is defined by VODIFF/(Resistor Network).
3. Currents are measured at 125°C junction temperature.
4. IIH is the input leakage current per IO pin over recommended operating conditions VIH < VIN < VCCI.
Input current is larger when operating outside recommended ranges.
5. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN <
VIL.
6. Differential input voltage = ±350 mV.
Table 2-160 • AC Waveforms, Measuring Points, and Capacitive Loads
Input Low (V)
Input High (V)
Measuring Point* (V)
1.075
1.325
Cross point
Note:
*Measuring point = Vtrip. See Table 2-28 on page 2-27 for a complete table of trip points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com