Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IO134PDB3V2 Datasheet(PDF) 155 Page - Microsemi Corporation

Part # IO134PDB3V2
Description  Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

IO134PDB3V2 Datasheet(HTML) 155 Page - Microsemi Corporation

Back Button IO134PDB3V2 Datasheet HTML 151Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 152Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 153Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 154Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 155Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 156Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 157Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 158Page - Microsemi Corporation IO134PDB3V2 Datasheet HTML 159Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 212 page
background image
Military ProASIC3/EL Low Power Flash FPGAs
Revision 3
2-141
Table 2-209 • FIFO
Worst Military-Case Conditions: TJ = 125°C, VCC = 1.425 V for A3PE600L and
A3PE3000L
Parameter
Description
–1
Std.
Units
tENS
REN_B, WEN_B Setup Time
1.46
1.71
ns
tENH
REN_B, WEN_B Hold Time
0.02
0.02
ns
tBKS
BLK_B Setup Time
0.40
0.47
ns
tBKH
BLK_B Hold Time
0.00
0.00
ns
tDS
Input Data (DI) Setup Time
0.19
0.23
ns
tDH
Input Data (DI) Hold Time
0.00
0.00
ns
tCKQ1
Clock HIGH to New Data Valid on DO (flow-through)
2.50
2.93
ns
tCKQ2
Clock HIGH to New Data Valid on DO (pipelined)
0.95
1.11
ns
tRCKEF
RCLK HIGH to Empty Flag Valid
1.82
2.14
ns
tWCKFF
WCLK HIGH to Full Flag Valid
1.73
2.03
ns
tCKAF
Clock HIGH to Almost Empty/Full Flag Valid
6.56
7.71
ns
tRSTFG
RESET_B LOW to Empty/Full Flag Valid
1.79
2.11
ns
tRSTAF
RESET_B LOW to Almost Empty/Full Flag Valid
6.49
7.63
ns
tRSTBQ
RESET_B LOW to Data Out LOW on DO (flow-through)
0.98
1.15
ns
RESET_B LOW to Data Out LOW on DO (pipelined)
0.98
1.15
ns
tREMRSTB
RESET_B Removal
0.30
0.36
ns
tRECRSTB
RESET_B Recovery
1.59
1.87
ns
tMPWRSTB
RESET_B Minimum Pulse Width
0.59
0.67
ns
tCYC
Clock Cycle Time
5.39
6.20
ns
FMAX
Maximum Frequency for FIFO
185
161
MHz
Note:
For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating
values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com