Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2113 Datasheet HTML 1Page - Monolithic Power Systems MP2113 Datasheet HTML 2Page - Monolithic Power Systems MP2113 Datasheet HTML 3Page - Monolithic Power Systems MP2113 Datasheet HTML 4Page - Monolithic Power Systems MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
2
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PACKAGE REFERENCE
TOP VIEW
FB
PGOOD
GND
SW
1
2
3
4
DRN
EN
CTRL
IN
8
7
6
5
EXPOSED PAD
ON BACKSIDE,
CONNECT TO GND
Part Number*
Package
MP2113DD
QFN8
(2mm x 3mm)
Temperature
Top Marking
–40
°C to +85°C
MP2113DS
* For Tape & Reel, add suffix –Z (eg. MP2113DD–Z)
For RoHS compliant packaging, add suffix –LF
(eg. MP2113DD–LF–Z)
ABSOLUTE MAXIMUM RATINGS
(1)
IN to GND .................................. –0.3V to + 6.5V
SW to GND.......................... –0.3V to VIN + 0.3V
PGOOD, EN, CTRL to GND....... –0.3V to +6.5V
FB, DRN to GND ........................ –0.3V to +6.5V
Operating Temperature .............–40°C to +85°C
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature .............–65°C to +150°C
Recommended Operating Conditions
(2)
Supply Voltage VIN............................. 2.7V to 6V
Operating Temperature .............–40°C to +85°C
Thermal Resistance
(3)
θJA
θJC
QFN8 (2mm x 3mm)............... 50 ...... 12...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The device is not guaranteed to function outside of its
operating conditions.
3) Measured on JESD51-7, 4-layer PCB.
ELECTRICAL CHARACTERISTICS
(4)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN_ = VIN, VCTRL_=VIN
(forced PWM Mode)
500
650
µA
VEN_ = VIN, VCTRL_=0
(asynchronous Mode)
55
85
Shutdown Current
VEN =0V, VIN=6V
0.1
1
µA
Thermal Shutdown Trip Threshold
Hysteresis=20°C
145
°C
PGOOD Upper Trip Threshold
FB wrt the nominal value
12
%
PGOOD Lower Trip Threshold
FB wrt the nominal value
-10
%
PGOOD Output Lower Voltage
ISINK=1mA
0.3
V
PGOOD Deglitch Timer
Transient Deglitch
200
µs
EN Trip High Threshold
1.5
V
EN Trip Low Threshold
0.5
V
EN Input Control
VEN=0V
0.1
1.0
µA
VEN=6V
6
µA
CTRL Trip Threshold
Rising edge, VIN-0.8V
1.8
V
Falling edge GND
0.4
V
CTRL Input Current
VEN=0V to 6V
-1
0.1
1
µA
DRN output resistance
CTRL=VIN
100
CTRL=0
10
MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com