Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems MP2113 Datasheet HTML 10Page - Monolithic Power Systems MP2113 Datasheet HTML 11Page - Monolithic Power Systems MP2113 Datasheet HTML 12Page - Monolithic Power Systems MP2113 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
9
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Dropout Operation
The MP2113 allows the main switch to remain
on for more than one switching cycle to
increase the duty cycle when the input voltage
is dropping close to the output voltage. When
the duty cycle reaches 100%, the main switch is
held on continuously to deliver current to the
output up to the PFET current limit. In this case,
the output voltage becomes the input voltage
minus the voltage drop across the main switch
and the inductor.
Short Circuit Protection
When the output is shorted to ground, the
oscillator frequency is reduced to prevent the
inductor current from increasing beyond the
PFET current limit. The PFET current limit is
also reduced to lower the short circuit current.
The frequency and current limit will return to the
normal values once the short circuit condition is
removed and the feedback voltage approaches
0.6V.
Maximum Load Current
The MP2116 can operate down to 2.7V input
voltage; however the maximum load current
decreases at lower input due to a large IR drop
on the main switch and synchronous rectifier.
The slope compensation signal reduces the
peak inductor current as a function of the duty
cycle to prevent sub-harmonic oscillations at
duty cycles greater than 50%. Conversely, the
current limit increases as the duty cycle
decreases.
Asynchronous Mode Operation
To improve efficiency at light load condition, user
can set MP2113 to operate in asynchronous
mode.The maximum load current for this mode
is designed to be around 50mA.
Mode Switching
User can switch between the two operation
modes for MP2113 by toggling the CTRL input
pin on the fly. Bring CTRL high will put MP2113
in forced PWM mode and low will put MP2113 in
asynchronous mode. CTRL pin can also be used
to change the feedback resistor divider ratio,
through an open-drain output DRN pin. Bring
CTRL high will connect DRN to ground through a
low resistance (<100Ω) switch; Bring CTRL low
will put DRN pin to open circuit. User can simply
connect a third resistor between feedback pin
and DRN pin, to get a higher output level for
forced PWM mode and a lower level for
asynchronous mode. MP2113 is designed to
optimally ramp up and down the output voltage
when CTRL changes state. Typically it takes
about 10µs to ramp up the voltage and 30µs to
ramp down the voltage.
PGOOD Indicator
MP2113 provides an open-drain PGOOD
output that goes high after output level reaches
regulation
during
startup.
During
mode
switching where the output voltage level could
be changed, there is a 200us de-glitch time on
PGOOD to allow the output to settle to the
desired level, and to avoid false trigger.
PGOOD goes low if the output goes out of
regulation by ±10% and the de-glitch times out,
or when device enters shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com