Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2113 Datasheet HTML 1Page - Monolithic Power Systems MP2113 Datasheet HTML 2Page - Monolithic Power Systems MP2113 Datasheet HTML 3Page - Monolithic Power Systems MP2113 Datasheet HTML 4Page - Monolithic Power Systems MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
4
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 6V, VOUT = 1.8V, L=2.2uH, TA = +25ºC, PWM Mode, unless otherwise noted.
Enabled Supply Current vs.
Input Voltage
0
100
200
300
400
500
600
2.5
3 3.5
4 4.5
5 5.5
6
INPUT VOLTAGE(V)
INPUT VOLTAGE(V)
Disabled Supply Current vs.
Input Voltage
Case Temperature Rise vs.
Output Current
0
5
10
15
20
25
30
0.25
0.5
0.75
1
1.25
1.5
OUTPUT CURRENT(A)
0.1
1
10
23
4
5
6
7
INPUT VOLTAGE (V)
Operating Range
Load Regulation
Peak Current vs. Duty
DUTY CYCLE(%)
2
2.5
3
3.5
4
4.5
25
35
45
55
65
75
85
95
Line Regulation
3
3.5
4
4.5
5
5.5
6
INPUT VOLTAGE (V)
-30
0
30
60
90
120
150
180
2.5 3 3.5 4 4.5 5 5.5 6 6.5 7 7.5 8
-0.50%
-0.40%
-0.30%
-0.20%
-0.10%
0.00%
0.10%
0.20%
0.30%
0
0.4
0.8
1.2
1.6
OUTPUT CURRENT (A)
Vin=3V
Vin=6V
Vin=5V
-0.50%
-0.40%
-0.30%
-0.20%
-0.10%
0.00%
0.10%
0.20%
0.30%
0.40%
Io=1.5A
Io=1A
Io=0A
PWM Mode
ASYN Mode
Efficiency vs. Load Current
60
65
70
75
80
85
90
95
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
LOAD CURRENT(A)
Vin=3V
Vin=5V
Vin=6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com