Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2113 Datasheet HTML 1Page - Monolithic Power Systems MP2113 Datasheet HTML 2Page - Monolithic Power Systems MP2113 Datasheet HTML 3Page - Monolithic Power Systems MP2113 Datasheet HTML 4Page - Monolithic Power Systems MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
3
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
(4)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
IN Undervoltage Lockout Threshold
Rising Edge
2.40
2.65
V
IN Undervoltage Lockout Hysteresis
160
mV
Regulated FB Voltage
TA=+25°C
0.588
0.600
0.612
V
-40°C≤ TA≤ +85°C
0.582
0.600
0.618
Regulated FB Voltage Hysteresis
CTRL = 0 (Async Mode)
12
20
mV
FB Input Bias Current
VFB=0.7V
-50
-2
+50
nA
SW PFET On Resistance
ISW=100mA
0.25
SW NFET On Resistance
ISW=-100mA
0.19
SW Schottky Diode Forward Voltage
ISW= -50mA
-0.5
V
SW PFET Leakage Current
VEN=0V; VIN=6V; VSW =0V
-1
0.1
1
µA
SW NFET Leakage Current
VEN=0V; VIN=6V; VSW =6V
-5
1.5
5
µA
SW PFET Peak Current Limit
Duty Cycle=100%,
Current Pulse Width <1mS
1.7
2.2
A
Oscillator Frequency
1.3
1.5
1.7
MHz
Note:
4) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.
PIN FUNCTIONS
Pin #
Name
Description
1
FB
Feedback input.
2
PGOOD
Power-good indicator output. “Open-drain” output indicating that the output is within
10% of the final regulation value. “Low” output indicates output is more than 10%
lower than regulation level. PGOOD is pulled down in shutdown. PGOOD
comparator shall have 200us deglitch timer to avoid false trigger during transition of
operation modes.
3
GND
Ground pin.
4
SW
Switch node to the inductor.
5
IN
Input supply pin.
6
CTRL
Input to control the operation mode. “High” set MP2113 in forced PWM mode,
DRN=Low (Pull Down) and “Low” sets MP2113 in low power asynchronous mode,
DRN=High. CTRL is pulled up to VIN with 1uA current.
7
EN
Enable input, “High” enables MP2113. EN is pulled to GND with 1Meg internal
resistor.
8
DRN
Drain output of an internal switch, controlled by CTRL input. DRN is open circuit
when CTRL is “low”, and DRN is pulled to ground with on resistance less than
100ohm when CTRL is “high”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com