Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP2113 Datasheet HTML 1Page - Monolithic Power Systems MP2113 Datasheet HTML 2Page - Monolithic Power Systems MP2113 Datasheet HTML 3Page - Monolithic Power Systems MP2113 Datasheet HTML 4Page - Monolithic Power Systems MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MP2113
1.5A Synchronous Step-Down Converter
with Dynamic Voltage Control
MP2113 Rev. 1.0
www.MonolithicPower.com
1
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP2113 is a fully integrated, internally
compensated 1.5MHz fixed frequency PWM
step-down converter with dynamic output
voltage control. User can select two operation
modes, forced PWM and asynchronous mode.
Force PWM is ideal for high load operation
while asynchronous mode improves efficiency
at light load condition. Each mode has
independent output level that can be set by the
user to optimize the power efficiency. It is ideal
for powering portable equipment that runs from
a single cell Lithium-Ion (Li+) Battery, with an
input range from 2.7V to 6V. The MP2113 can
provide 1.5A of load current in forced PWM
mode and 50mA in asynchronous mode. Both
output voltage can be regulated to as low as
0.6V.
MP2113 integrates the high side switch, a
synchronous rectifier for forced PWM mode and
a Schottky diode for asynchronous mode
operation. With peak current mode control and
internal compensation, the MP2113 is stable
with ceramic capacitors and small inductors.
Fault condition protection includes cycle-by-
cycle current limiting and thermal shutdown.
MP2113 is available in the small 8-pin
2mmx3mm QFN package.
FEATURES
• User Selectable Operation Mode: Forced
PWM and Asynchronous Mode
• User Programmable Output Level for Each
Operation Mode
• Dynamic Output Voltage Control
• Up to 1.5A Output Current for Forced PWM
Mode, 50mA for Asynchronous Mode
• Internal Power MOSFET Switches and
Schottky diode
• Stable with Low ESR Output Ceramic
Capacitors
• Up to 95% Efficiency
• 1µA Shutdown Current.
• 1.5MHz Switching Frequency
• Thermal Shutdown
• Cycle-by-Cycle Over Current Protection
• Short circuit protection
• Power-Good Output
• 2.7-6V Input Operation Range
• Output Adjustable from 0.6V to VIN
• Available in 8-pin 2x3mm QFN Package
APPLICATIONS
• DVD+/-RW Drives
• Smart Phones
• PDAs
• Digital Cameras
• Portable Instruments
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP2113
FB
DRN
EN
GND
IN
2.7-6V
1.8V/1.5A
VIN
VOUT
SW
PGOOD
CTRL
CIN
4.7uF
COUT
22uF
R3
200K
R2
604K
R1
301K
L1
2.2uH
R4
500K
Efficiency vs. Load Current
60
65
70
75
80
85
90
95
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5
LOAD CURRENT(A)
Vin=3V
Vin=5V
Vin=6V


Similar Part No. - MP2113

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2110GQ MPS-MP2110GQ Datasheet
619Kb / 15P
3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - MP2113

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP6657 EXAR-XRP6657 Datasheet
1Mb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Eutech Microelectronics...
EUP3412 EUTECH-EUP3412 Datasheet
509Kb / 11P
1.5A/1.5MHz, Synchronous Step-Down Converter with Soft Start
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
MP2141Q MPS-MP2141Q Datasheet
1Mb / 22P
1.5A, Synchronous Step-Down Converter with VSEL Pin
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
1.4MHz, 1.5A Synchronous Step-Down Converter
logo
Diodes Incorporated
AP5001 DIODES-AP5001 Datasheet
169Kb / 9P
PWM CONTROL 1.5A STEP-DOWN CONVERTER
OCTOBER 2007 Rev. 1
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Unisonic Technologies
UD05154 UTC-UD05154 Datasheet
246Kb / 5P
1.5MHz, 1.5A, V SYNCHRONOUS STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com