Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems MP2113 Datasheet HTML 10Page - Monolithic Power Systems MP2113 Datasheet HTML 11Page - Monolithic Power Systems MP2113 Datasheet HTML 12Page - Monolithic Power Systems MP2113 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
11
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
about 1.6W when MP2113 is operating in a 70
°C
ambient temperature environment:
W
6
.
1
W
/
C
50
C
70
C
150
PD
o
o
o
MAX
=
=
PCB Layout
The high current paths (GND, IN and SW) should
be placed very close to the device with short,
direct and wide traces. Input capacitors should be
placed as close as possible to the respective IN
and GND pins. The external feedback resistors
shall be placed next to the FB pins. Keep the
switching nodes SW short and away from the
feedback network.
C2
C1
L1
R4
R1
GND
FB
GND
IN
SW
CTRL
R3
GND
VIN
VOUT
DNR
5
6
7
2
3
4
8
1
PG
EN
GND
Top layer
Bottom layer
Figure 2-PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com