Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2113 Datasheet HTML 2Page - Monolithic Power Systems MP2113 Datasheet HTML 3Page - Monolithic Power Systems MP2113 Datasheet HTML 4Page - Monolithic Power Systems MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems MP2113 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
6
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 6V, VOUT = 1.8V, L=2.2uH, TA = +25ºC, PWM Mode, unless otherwise noted.
100us/div
200us/div
20us/div
VOUT
500mV/div
VSW
5V/div
PG
1V/div
IInductor
2A/div
VOUT
500mV/div
VSW
5V/div
PG
1V/div
IInductor
2A/div
VOUT
500mV/div
EN
5V/div
PG
1V/div
IInductor
500mA/div
100us/div
EN
5V/div
PG
1V/div
100us/div
VOUT
500mV/div
VIN
5V/div
PG
1V/div
IInductor
500mA/div
VOUT
500mV/div
VIN
5V/div
PG
1V/div
IInductor
500mA/div
100us/div
VOUT
20mV/div
VSW
500mV/div
100ms/div
VOUT
20mV/div
VSW
5V/div
IInductor
500mA/div
10us/div
VOUT
500mV/div
VSW
5V/div
IInductor
2A/div
4us/div
Output Short for ASYN Mode
VOUT=0.9V, IOUT=50mA
Enable Startup for ASYN Mode
VOUT=0.9V, No load
Power up for ASYN Mode
VOUT=0.9V, No load
Enable Startup for ASYN Mode
IOUT=50mA, VOUT=0.9V
VOUT
500mV/div
IInductor
500mA/div
Power up for ASYN Mode
IOUT=50mA, VOUT=0.9V
Output Ripple Voltage
for ASYN Mode
VOUT=0.9V, No Load
IInductor
50mA/div
Output Ripple Voltage
for ASYN Mode
IOUT=50mA, VOUT=0.9V
CTRL
5V/div
Short Recovery for ASYN Mode
VOUT=0.9V, IOUT=50mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com