Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP2113 Datasheet HTML 4Page - Monolithic Power Systems MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems MP2113 Datasheet HTML 10Page - Monolithic Power Systems MP2113 Datasheet HTML 11Page - Monolithic Power Systems MP2113 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
8
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
Main
Switch
(PCH)
Synchronous
Rectifier
(NCH)
+
-
COMP
DL
DH
0.04
Reverse-
Current Stop
Comparator
PWM
Control
Logic
IAMP
10X
+
-
Current
Sense Amp
EAMP
+
-
Feedback
Error Amp
PWM
Slope Comp
+
+
-
PWMCMP
ICS
1.5MHz
Oscillator
OSC
FB
Bias
&
Voltage
Reference
0.6V
EN
FB
SW
EAO
CC
17pF
RZ
1.2Meg
CTRL
DRN
PGOOD
+
-
PG_COMP
0.66V
0.66V
Schottky
Diode
DC
Vth
NOFF
Async.
Control
(fixed-on
PFM)
0.60V
0.54V
-
+
0.54V
IN
GND
Figure 1-Functional Block Diagram
The MP2113 is a fixed frequency 1.5MHz
current mode 1.5A step-down converter with
dynamic voltage control. It has user selectable
two operation modes: forced PWM mode for
high load and asynchronous mode for light
load. The output voltage for each mode can be
set independently, through an external resistor
divider and a control pin.
MP2113 is optimized for low voltage, Li-Ion
battery
powered
applications
where
high
efficiency and small size are critical.
Forced PWM Mode
The forced PWM mode uses a high side PFET
main switch and a low side synchronous
rectifier, and always operates in continuous
conduction mode. Thus it simplifies the control
scheme and eliminates the random spectrum
noise due to discontinuous conduction mode.
The steady state duty cycle D for this mode can
be calculated as:
%
100
V
V
%
100
f
T
D
IN
OUT
OSC
ON
×
≈
×
×
=
Where TON is the main switch on time and fOSC
is the oscillator frequency (1.5MHz typ.).
Current Mode PWM Control
Slope compensated current mode PWM control
provides stable switching and cycle-by-cycle
current limiting for superior load and line
response as well as protection of the internal
main switch and synchronous rectifier. The
MP2113 switches at a constant frequency
(1.5MHz) and modulates the inductor peak
current
to
regulate
the
output
voltage.
Specifically, for each cycle the PWM controller
forces the inductor peak current to an internal
reference level derived from the feedback error
voltage. At normal operation, the main switch is
turned on at each rise edge of the internal
oscillator, and remains on for a certain period of
time to ramp up the inductor current. As soon
as the inductor current reaches the reference
level, the main switch is turned off and
immediately the synchronous rectifier will be
turned on to provide the inductor current. In
forced PWM mode, the synchronous rectifier
will stay on until the next oscillator cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com