Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP2113 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2113
Description  1.5A Synchronous Step-Down Converter with Dynamic Voltage Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2113 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2113 Datasheet HTML 5Page - Monolithic Power Systems MP2113 Datasheet HTML 6Page - Monolithic Power Systems MP2113 Datasheet HTML 7Page - Monolithic Power Systems MP2113 Datasheet HTML 8Page - Monolithic Power Systems MP2113 Datasheet HTML 9Page - Monolithic Power Systems MP2113 Datasheet HTML 10Page - Monolithic Power Systems MP2113 Datasheet HTML 11Page - Monolithic Power Systems MP2113 Datasheet HTML 12Page - Monolithic Power Systems MP2113 Datasheet HTML 13Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
MP2113 – 1.5A, SYNCHRONOUS STEP-DOWN CONVERTER WITH DYNAMIC VOLTAGE CONTROL
MP2113 Rev. 1.0
www.MonolithicPower.com
10
4/4/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Output Voltage Setting
The external resistor divider sets the output
voltage. The resistor R1 also sets the feedback
loop bandwidth for the step-down converter. (see
Figure 1).
Choose R1 to be between 200k-300kΩ for
optimal transient response. R2 is calculated
using
the
desired
output
voltage
for
asynchronous mode:
1
6
.
0
1
2
_
−
=
V
V
R
R
ASYNC
OUT
R3 is then calculated using R1, R2 and the
desired output voltage for forced PWM mode:
1
2
1
2
6
.
0
2
1
3
_
−
+
⋅
=
R
R
R
V
V
R
R
R
FPWM
OUT
If one want to have the same output voltage
level for both operation mode, R3 will not be
needed.
Table 1—Resistor Selection vs. Output
Voltage Setting
VO_ASYNC/VO_FPWM
R1
R2
R3
0.9V/1.8V
301kΩ
(1%)
604kΩ
(1%)
200kΩ
(1%)
1.2V/1.8V
301kΩ
(1%)
301kΩ
(1%)
301kΩ
(1%)
1.2V/2.5V
301kΩ
(1%)
301kΩ
(1%)
137kΩ
(1%)
1.5V/3.3V
301kΩ
(1%)
200kΩ
(1%)
100kΩ
(1%)
Inductor Selection
A 1µH to 10µH inductor with DC current rating
at least 25% higher than the maximum load
current is recommended for most applications.
For best efficiency, the inductor DC resistance
shall be <200mΩ. For most designs, the
inductance value can be derived from the
following equation:
()
OSC
L
IN
OUT
IN
OUT
f
I
V
V
V
V
L
×
∆
×
−
×
=
Where ∆IL is inductor ripple current. Choose
inductor ripple current approximately 30% of the
maximum load current, 1.5A.
The maximum inductor peak current is:
2
I
I
I
L
LOAD
)
MAX
(
L
∆
+
=
Table 2—Suggested Inductors
Manufacturer
Part
Number
Inductance
(µH)
Dimensions
LxWxH
(mm
3)
Wruth
7447745022
2.2
5.8X5.2X2
Toko
636CY-
2R2M
2.2
6.8X6X3.5
TDK
VLCF5020T-
2R2N2R6-1
2.2
5X5X2
Input Capacitor CIN Selection
The input capacitor reduces the surge current
drawn from the input and switching noise from
the device. Ceramic capacitors with X5R or
X7R dielectrics are highly recommended
because
of
their
low
ESR
and
small
temperature coefficients. For most applications,
a 4.7µF capacitor is sufficient.
Output Capacitor COUT Selection
The output capacitor keeps output voltage
ripple small and ensures regulation loop stable.
The output capacitor impedance shall be low at
the switching frequency. Ceramic capacitors
with X5R or X7R dielectrics are recommended.
For forced PWM mode operation, the output
ripple ∆VOUT is approximately:
)
1
8
1
(
)
(
OUT
OSC
ESR
OSC
IN
OUT
IN
OUT
OUT
C
f
R
L
f
V
V
V
V
V
⋅
⋅
+
⋅
⋅
−
⋅
=
∆
For asynchronous mode operation, the output
ripple is the scaled amplitude of the feedback
threshold hysteresis window:
()
2
2
1
594
.
0
606
.
0
R
R
R
V
V
V
OUT
+
⋅
−
=
∆
Thermal Dissipation
Power dissipation shall be considered when
MP2113 operates at maximum 1.5A output
current. If the junction temperature rises above
150
°C, MP2113 will be shut down by internal
thermal protection circuitry.
The junction-to-ambient thermal resistance of
the 8-pin QFN (2mm x 3mm) RΘJA is 50°C/W.
The maximum allowable power dissipation is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com