Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 2 Page - Advanced Micro Devices

  AMC004CFLKA Datasheet HTML 1Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
2
AmC0XXCFLKA
5/4/98
BLOCK DIAGRAM
Notes:
R = 20 K(min)/140 K
Ω (max)
*1 Mbyte card = S0 + S1, *2 Mbyte card = S0…S3, *4 Mbyte card = S0…S7, *10 Mbyte card = S0…S19
Address
Buffers
and
Decoders
I/O
Transceivers
and
Buffers WP
(Note 1)
A0–A8
D0–D7
Attribute Memory
CE
Write Protect
Switch
VCC
A0–A18
CEH0–
CEH9
CEL0–
CEL9
D0–D15
WE
OE
WP
D8–D15
D0–D7
WE
OE
A0
A1–A23*
CE2
CE1
A1–A9
A0
CE2
CE1
REG
CD1
CD2
Card Detect
BVD1
BVD2
VCC
Battery Voltage
Detect
GND
VCC
10K
VCC
RR
R
VCC
RR
Am29F040
A0–A18 D0–D7
CE
WE
OE
VSS
VCC
S0*
Am29F040
A0–A18 D8–D15
CE
WE
OE
VSS
VCC
S1*
A0–A18 D0–D7
CE
WE
OE
VSS
VCC
S2*
A0–A18 D8–D15
CE
WE
OE
VSS
VCC
S3*
A0–A18 D0–D7
CE
WE
OE
VSS
VCC
S18*
A0–A18 D8–D15
CE
WE
OE
VSS
VCC
S19*
18723C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com