Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 24 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 24 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 20Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 21Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 22Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 23Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 24Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 25Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 26Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 27Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 28Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
24
AmC0XXCFLKA
5/4/98
WORD-WIDE PROGRAMMING AND
ERASING
Word-Wide Programming
The Word-Wide Programming sequence will be as
usual per Table 5. The Program word command is
A0A0H. Each byte is independently programmed. For
example, if the high byte of the word indicates the suc-
cessful completion of programming via one of its write
status bits such as D15, software polling should con-
tinue to monitor the low byte for write completion and
data verification, or vice versa. During the Embedded
Programming operations the device executes program-
ming pulses in 16
µs increments. Status reads provide
information on the progress of the byte programming
relative to the last complete write pulse. Status informa-
tion is automatically updated upon completion of each
internal write pulse. Status information does not
change within the 16
µs write pulse width.
Word-Wide Erasing
The Word-Wide Erasing of a memory segment pair is
similar to word-wide programming. The erase word
command is a 6 bus cycle command sequence per
Table 5. Each byte is independently erased and veri-
fied. Word-wide erasure reduces total erase time when
compared to byte erasure. Each Flash memory device
in the card may erase at different rates. Therefore each
device (byte) must be verified separately.
18723C-13
Figure 12.
Embedded Algorithm Word-Wide Programming and Erasure Overview
Software polling from
memory segments
Write Embedded
Programming or Erase
command sequence to
memory segments
Completed
The Embedded Algorithm operations completely automate
the parallel programming and erase procedures by inter-
nally executing the algorithmic command sequences of
AMD’s Flashrite and Flasherase algorithms. The devices
automatically provide Write Operation Status information
with standard read operations.
See Table 5 for Program Command Sequence.
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com