Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 42 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 42 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 37Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 42 page
background image
42
AmC0XXCFLKA
5/4/98
DATA SHEET SUMMARY FOR AMC0XXCFLKA
PIN DESCRIPTION
Added description for REG pin.
Table 3. Even Byte Command Definitions
Each density card now has a list of paired segment
numbers. The address increment for Even bytes should
be (N/2) * 100000H.
Added Note 5 for clarification. Note 3 requires use of
CE1, not CE2, and A21. Note 2 was clarified.
Table 4. Odd Byte Command Definitions
Each density card now has a list of paired segment
numbers. The address increment for Even bytes should
be (N-1/2) * 100000H + 80000H.
Added Note 5 for clarification. Note 3 requires use of
CE2, not CE1, and A21. Note 2 was clarified.
Autoselect operation data is A4h.
Table 5. Word Command Definitions
Added Note 7 for clarification. Note 3 requires use of
CE1 and CE2 and A21. Note 5 was modified to reflect
that the address should be (Addr) + M * (100000H).
Note 2 was clarified.
Autoselect operation data is 0101/A4A4h.
Sector Erase
Clarified that any sector number can be loaded into the
sector erase buffer.
Toggle Bit—D6
Added clarification that D6 is used for entering Sector
Erase Suspend mode.
Sector Erase Suspend
Repeated sentence was deleted.
Write Operation Status Table
D3 in ‘Exceeded Time Limit’ mode is 0.
Figure 5. AC Waveforms for Data Polling During
Embedded Algorithm Operations
Corrected tWHWH3 or 4. Removed erroneous tOE
reference.
Figure 6. AC Waveforms for Toggle Bit During
Embedded Algorithm Operations
Clarified diagram.
Embedded Algorithm Flow Charts
Figures 6, 7, 11 references to 14
µs time outs were cor-
rected to 16
µs.
DC Characteristics—Byte-Wide Operation
Note 1 has been modified to show standby current is in-
creased by: 19 mA for 10 Mb, 7 mA for 4 Mb, 3 mA for
2Mb and 1 mA for 1 Mb card in TTL modes.
DC Characteristics—Word-Wide Operation
For CE, REG, WE, OE, IIL minimum is –300 µA. Note 1
has been modified to show standby current is in-
creased by: 18 mA for 10 Mb, 6 mA for 4 Mb, and 2 mA
for 2 Mb card in TTL modes.
AC Characteristics—Write/Erase/Program
Operations
tWHWH4 applies to 64K Byte sectors. Note 1 was modi-
fied to exclude the statement regarding preprogram-
ming time.
Figure 19. AC Waveforms for Byte Write Operations
tWHWH1 is now tWHWH3. The Unlock address was
changed to AAAAh according to the Byte Write se-
quence. Added t.
AC Characteristics—Alternate CE Controlled
Writes—Write/Erase/Program Operations
tWHWH4 applies to 64K Byte sectors. Note 1 was modi-
fied to exclude the statement regarding preprogram-
ming time.
Figure 20. Alternate CE Controlled Byte Write
Operation Timings
Added tVCS and tEHEH3 or 4 to Figure 18.
Table 10. AMD’s CIS for AmC0XXCFLKA
Removed bracketed reference for Tuple Address 04h.
Tuple Address 32h now reflects CIS memory speed of
250 ns (3Ah).
Revision B+1
Sector Erase Suspend
Removed the statement requiring the address of a sec-
tor not being erased for valid D6 status.
Trademarks
Copyright © 1998 Advanced Micro Devices, Inc. All rights reserved.
AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com