Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 21 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 21 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 17Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 18Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 19Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 20Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 21Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 22Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 23Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 24Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 25Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
5/4/98
AmC0XXCFLKA
21
EMBEDDED ALGORITHMS
D5 = 1?
18723C-10
Note: D7 is checked even if D5 = 1 because D7 may have changed simultaneously with D5 or immediately after D5.
Figure 9.
Byte-Wide Software Polling for Programming Subroutine
VA = Byte Address for Programming
D5 = 1
No = Program time not exceeded limit
Yes = Program time exceed limit, device failed
EF = Error Flag
Start
Subroutine
No
Yes
Yes
Yes
No
D7 = Data?
No
D7 = Data
Subroutine
Return
Recommend 16
µs
time out from previous
data polling
Device failed
to program
EF = 1
Device Passed
Read Byte
(D0–D7)
Addr = VA
Read Byte
(D0–D7)
Addr = VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com