Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 1 Page - Advanced Micro Devices

  AMC004CFLKA Datasheet HTML 1Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 2Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
FINAL
Publication# 18723
Rev: C Amendment/+1
Issue Date: May 1998
AmC0XXCFLKA
1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
DISTINCTIVE CHARACTERISTICS
s High performance
— 150 ns maximum access time
s Single supply operation
— Write and erase voltage, 5.0 V
±5%
— Read voltage, 5.0 V
±5%
s CMOS low power consumption
— 45 mA maximum active read current (x8 mode)
— 65 mA maximum active erase/write current
(x8 mode)
s High write endurance
— Minimum 100,000 erase/write cycles
s PCMCIA/JEIDA 68-pin standard
— Selectable byte- or word-wide configuration
s Write protect switch
— Prevents accidental data loss
s Zero data retention power
— Batteries not required for data storage
s Separate attribute memory
— 512 byte EEPROM
s Automated write and erase operations increase
system write performance
— 64K byte memory sectors for faster automated
erase speed
— Typically 1.5 seconds per single memory sector
erase
— Random address writes to previously erased
bytes (16 µs typical per byte)
s Total system integration solution
— Support from independent software and
hardware vendors
s Low insertion and removal force
— State-of-the-art connector allows for minimum
card insertion and removal effort
s Sector erase suspend/resume
— Suspend the erase operation to allow a read
operation in another sector within the same
device
GENERAL DESCRIPTION
AMD’s 5.0 V-only Flash Memory PC Card provides the
highest system level performance for data and file stor-
age solutions to the portable PC market segment. Man-
ufactured with AMD’s Negative Gate Erase, 5.0 V-only
technology, the AMD 5.0 V-only Flash Memory Cards
are the most cost-effective and reliable approach to
single-supply Flash memory cards. Data files and ap-
plication programs can be stored on the “C” series
cards. This allows OEM manufacturers of portable sys-
tems to eliminate the weight, high power consumption
and reliability issues associated with electromechanical
disk-based systems. The “C” series cards also allow to-
day’s bulky and heavy battery packs to be reduced in
weight and size. Typically only two “AA” alkaline batter-
ies are required for total system operation. AMD’s
Flash Memory PC Cards provide the most efficient
method to transfer useful work between different hard-
ware platforms. The enabling technology of the “C” se-
ries cards enhances the productivity of mobile workers.
Widespread acceptance of the “C” series cards is as-
sured due to their compatibility with the 68-pin PCM-
CIA/JEIDA international standard. AMD’s Flash
Memory Cards can be read in either a byte-wide or
word-wide mode which allows for flexible integration
into various system platforms. Compatibility is assured
at the hardware interface and software interchange
specification. The Card Information Structure (CIS) or
Metaformat, can be written by the OEM at the memory
card’s attribute memory address space beginning at
address 00000H by using a format utility. The CIS ap-
pears at the beginning of the Card’s attribute memory
space and defines the low-level organization of data on
the PC Card. The “C” series cards contains a separate
512 byte EEPROM memory for the cards’ attribute
memory space. This allows all of the Flash memory to
be used for the common memory space.
Third party software solutions such as Microsoft’s
Flash File System (FFS), M-System’s True FFS, and
SCM’s SCM-FFS, enable AMD’s Flash Memory PC
Card to replicate the function of traditional disk-based
memory systems.


Similar Part No. - AMC004CFLKA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC004DFLKA AMD-AMC004DFLKA Datasheet
157Kb / 46P
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
More results

Similar Description - AMC004CFLKA

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AMC0XXDFLKA AMD-AMC0XXDFLKA Datasheet
157Kb / 46P
4, 8, 20, or 32 Megabyte 5.0 Volt-only Flash Memory PC Card
AMMC0XXA AMD-AMMC0XXA Datasheet
182Kb / 39P
2, 4, or 8 Megabyte 5.0 Volt-only Flash Miniature Card
AMMCL00XA AMD-AMMCL00XA Datasheet
172Kb / 36P
2 or 4 Megabyte 3.0 Volt-only Flash Miniature Card
logo
ATMEL Corporation
AT5FC001 ATMEL-AT5FC001 Datasheet
575Kb / 14P
1-Megabyte Flash Memory PCMCIA Card
AT5FC002 ATMEL-AT5FC002 Datasheet
715Kb / 15P
2-Megabyte Flash Memory PCMCIA Card
AT5FC004 ATMEL-AT5FC004 Datasheet
755Kb / 15P
4-Megabyte Flash Memory PCMCIA Card
AT5FC008 ATMEL-AT5FC008 Datasheet
120Kb / 15P
8-Megabyte Flash Memory PCMCIA Card
AT45DCB004 ATMEL-AT45DCB004 Datasheet
86Kb / 4P
8-megabyte 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_06 Datasheet
84Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
AT45DCB008D ATMEL-AT45DCB008D_08 Datasheet
96Kb / 5P
8-megabyte, 4-megabyte, and 2-megabyte 2.7-volt Only DataFlash Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com