Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 26Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 27Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 28Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 29Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 30Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 31Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 32Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 33Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 34Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
30
AmC0XXCFLKA
5/4/98
DC CHARACTERISTICS
Byte-Wide Operation
Notes:
1. For TTL input voltage levels (VIL or VIH), the minimum limit should be increased by: 1 mA for 1 Mbyte
3 mA for 2 Mbyte
7 mA for 4 Mbyte
19 mA for 10 Mbyte.
2. One Flash device active, all the others in standby.
Parameter
Symbol
Parameter Description
Test Description
Min
Max
Unit
ILI
Input Leakage Current
VCC = VCC Max, VIN = VCC or VSS
For all cards:
(CE, REG, WE, OE = –300
µA Min)
1 MB
–300
+ 20
µA
2 MB
–300
+ 20
4 MB
–300
+ 20
10 MB
–300
+ 20
ILO
Output Leakage Current
VCC = VCC Max,
VOUT = VCC or VSS
1 MB
± 20
µA
2 MB
± 20
4 MB
± 20
10 MB
± 20
ICCS
VCC Standby Current (Note 1)
VCC = VCC Max
CE = VCC ± 0.2 V
VIN = VCC or GND
1 MB
0.7
mA
2 MB
0.9
4 MB
1.3
10 MB
2.5
ICC1
VCC Active Read Current
(Notes 1, 2)
VCC = VCC Max, CE = VIL,
OE = VIH, IOUT = 0 mA, at 3.3 MHz
45
mA
ICC2
VCC Write/Erase Current
(Notes 1, 2)
CE = VIL
Programming in Progress
65
mA
VIL
Input Low Voltage
–0.5
0.8
V
VIH
Input High Voltage
2.4
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 3.2 mA, VCC = VCC Min
0.40
V
VOH
Output High Voltage
IOH = 2.0 mA, VCC = VCC Min
3.8
VCC
V
VLKO
Low VCC Lock-Out Voltage
3.2
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com