Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 27 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 27 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 23Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 24Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 25Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 26Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 27Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 28Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 29Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 30Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 31Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
5/4/98
AmC0XXCFLKA
27
EMBEDDED ALGORITHMS
18723C-16
Figure 15.
Word-Wide Erasure Flow Chart
Activity
EF = Error Flag
EF = 0 = No failure
EF = 1 = Low byte erase error
EF = 2 = High byte erase error
EF = 3 = Word-wide erase error
SEG ADRS = Segment Address
ERS = Segment Erase Command Sequence (Table 5)
FMD = Flash Memory Data
Erase Complete
Wait 3 seconds
Erase Error
Begin
Erase
No
Yes
Yes
Yes
No
FMD = FFFFH
No
FMD = FFFFH
Last Segment
Address
Read SEG
ADRS/FMD
Begin software
polling subroutine
(Figure 16)
Increment SEG ADRS
Write ERS
cycle #6:
SEG ADRS
Initialization:
EF = 0
SEG ADRS = 0
Write ERS
cycle #1–5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com