Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 3Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 4Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 5Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 6Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 7Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 8Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 9Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 10Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
5/4/98
AmC0XXCFLKA
7
Table 2.
Attribute Memory Bus Operations
Legend:
X = Don’t Care, where Don’t Care is either VIL or VIH levels. See DC Characteristics for voltage levels of normal TTL or CMOS
input levels.
Notes:
1. VPP pins are not connected in the 5.0 V-Only Flash Memory Card.
2. In this x8 mode, A0 = VIL outputs or inputs the “even” byte (low byte) of the x16 word on D0–D7.
3. Only even-byte data is valid during Attribute Memory Read function.
4. During Attribute Memory Read function, REG and OE must be active for the entire cycle.
5. During Attribute Memory Write function, REG and WE must be active for the entire cycle, OE must be inactive for the entire
cycle.
6. Standby current is ICCS.
Pins/Operation
REG
CE2CE1OE
WE
A0
D8–D15
D0–D7
READ-ONLY
Read (x8) (Notes 2, 4)
VIL
VIH
VIL
VIL
VIH
VIL
High-Z
Data Out-Even
Read (x8) (Notes 3, 4)
VIL
VIH
VIL
VIL
VIH
VIH
High-Z
Not Valid
Read (x8) (Note 3)
VIL
VIL
VIH
VIL
VIH
X
Not Valid
High-Z
Read (x16) (Notes 3, 4, 5)
VIL
VIL
VIL
VIL
VIH
X
Not Valid
Data Out-Even
Output Disable
VIL
XX
VIH
VIH
X
High-Z
High-Z
Standby (Note 6)
X
VIH
VIH
X
X
X
High-Z
High-Z
READ/WRITE
Read (x8) (Notes 2, 4)
VIL
VIH
VIL
VIL
VIH
VIL
High-Z
Data Out-Even
Read (x8) (Notes 3, 4)
VIL
VIH
VIL
VIL
VIH
VIH
High-Z
Not Valid
Read (x8) (Note 4)
VIL
VIL
VIH
VIL
VIH
X
Not Valid
High-Z
Read (x16) (Note 4)
VIL
VIL
VIL
VIL
VIH
X
Not Valid
Data Out-Even
Write (x8) (Notes 2, 5)
VIL
VIH
VIL
VIH
VIL
VIL
High-Z
Data In-Even
Write (x8) (Note 5)
VIL
VIH
VIL
VIH
VIL
VIH
High-Z
High-Z
Write (x8) (Notes 4, 5)
VIL
VIL
VIH
VIH
VIL
X
High-Z
High-Z
Write (x16) (Note 5)
VIL
VIL
VIL
VIH
VIL
X
High-Z
Data In-Even
Output Disable
VIL
XX
VIH
VIL
X
High-Z
High-Z
Standby (Note 6)
X
VIH
VIH
X
X
X
High-Z
High-Z
Volt-only?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com