Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC004CFLKA Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AMC004CFLKA
Description  1, 2, 4, or 10 Megabyte 5.0 V-only Flash Memory PC Card
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMC004CFLKA Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AMC004CFLKA Datasheet HTML 34Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 35Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 36Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 37Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 38Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 39Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 40Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 41Page - Advanced Micro Devices AMC004CFLKA Datasheet HTML 42Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
40
AmC0XXCFLKA
5/4/98
Table 10.
AMD’s CIS for “C” Series Card
Tuple
Address
2 Mbyte Card
Tuple Value
Tuples and Remarks
00h
01h
CISTPL_DEVICE [Common Memory]
02h
03h
TPL_LINK
04h
53h
Flash Device, Card Speed: 53h = 150 ns
06h
0Dh/06h/FCh/9Dh
Card Size: 0Dh = 1 MB, 06h = 2 MB, FCh = 4 MB, 9Dh = 10 MB
08h
FFh
End of Tuple
0Ah
18h
CISTPL_JEDEC [Common Memory]
0Ch
02h
TPL_LINK
0Eh
01h
AMD MFG ID Code
10h
A4h
Device ID Code: A4h = 4 Mbit Device
12h
1Eh
CISTPL_DEVICEGEO
14h
06h
TPL_LINK no FFh terminator
16h
02h
DGTPL_BUS: Bus Width
18h
11h
DGTPL_EBS: 11h = 64K Byte Erase Block size
1Ah
01h
DGTPL_RBS: Read Byte Size
1Ch
01h
DGTPL_WBS: Write Byte Size
1Eh
01h
DGTPL_PART: Number of partition
20h
01h
FL DEVICE INTERLEAVE: No interleave
22h
15h
CISTPL_VERS1
24h
03h
TPL_LINK
26h
04h
Major version number 1
28h
01h
Minor version for PCMCIA Std. 2.0
2Ah
FFh
End of Tuple
2Ch
17h
CISTPL_DEVICE_A [Attribute Memory]
2Eh
04h
TPL_LINK
30h
47h
EEPROM with extended speed
32h
3Ah
Extended speed = 250 ns
34h
00h
Device Size = 1 unit of 512 byte
36h
FFh
End of Tuple
38h
80h
Vendor-Specific Tuple
3Ah
0Ah
TPL_LINK
3Ch
41h
“A”
3Eh
4Dh
“M”
40h
44h
“D”
42h
26h
“&”
44h
42h
“B”
46h
45h
“E”
48h
52h
“R”
4Ah
47h
“G”
4Ch
00h
END TEXT
4Eh
FFh
End of Tuple
50h
81h
Vendor Specific Tuples: 81h
:
xxh
ASCII Characters
:
xxh
:
6Ah
xxh
ASCII Characters
6Ch
FFh
CISTPL_END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com