Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 7 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 7 Page - ams AG

Back Button AS1122 Datasheet HTML 3Page - ams AG AS1122 Datasheet HTML 4Page - ams AG AS1122 Datasheet HTML 5Page - ams AG AS1122 Datasheet HTML 6Page - ams AG AS1122 Datasheet HTML 7Page - ams AG AS1122 Datasheet HTML 8Page - ams AG AS1122 Datasheet HTML 9Page - ams AG AS1122 Datasheet HTML 10Page - ams AG AS1122 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
6 - 22
AS112
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
TAMB = +25°C, VDD = 3.0V, VOUT = 1.0V (unless otherwise specified)
Figure 4. Constant Output Current vs. Output Voltage
Figure 5. Constant Output Current vs. Output Voltage
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
10
Output Voltage (V)
Icoc = 40mA (1k
Ω)
Icoc = 20mA (2k
Ω)
Icoc = 8mA (4.7k
Ω)
Icoc = 4mA (10k
Ω)
0
5
10
15
20
25
30
35
40
45
50
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Voltage (V)
Icoc = 40mA (1k
Ω)
Icoc = 20mA (2k
Ω)
Icoc = 8mA (4.7k
Ω)
Icoc = 4mA (10k
Ω)
Figure 6. Constant Output Current vs. VOUT; REXT = 1k
Figure 7. Constant Output Current vs. VOUT; REXT = 1k
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
9
10
Output Voltage (V)
-40°C
+25°C
+85°C
0
5
10
15
20
25
30
35
40
45
50
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Output Voltage (V)
-40°C
+25°C
+85°C
Figure 8. ICOC vs. Supply Voltage; REXT = 1k
Figure 9. ICOC vs. Supply Voltage; REXT = 10k
39
39.25
39.5
39.75
40
40.25
40.5
40.75
41
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
-40°C
+25°C
+85°C
3.9
3.94
3.98
4.02
4.06
4.1
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
Supply Voltage (V)
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com