Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 14 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 14 Page - ams AG

Back Button AS1122 Datasheet HTML 10Page - ams AG AS1122 Datasheet HTML 11Page - ams AG AS1122 Datasheet HTML 12Page - ams AG AS1122 Datasheet HTML 13Page - ams AG AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG AS1122 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
13 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
For n devices in a chain only one identifier needs to be send to set all n devices to the same register setting.
Figure 30. Command Data for n-devices
Setting Dot Correction
The AS1122 can perform independent fine-adjustments to the output current of each channel. Dot correction is used to adjust brightness devia-
tions of LEDs connected to the output channels (OUT0:OUT11).
The device powers up with the following default settings: DC = 0 and GS = 0.
The 12 channels can be individually programmed with a 6-bit word for Dot Correction. The channel output can be adjusted in 64 steps from 0 to
100% of the maximum output current (IMAX). The output current for each OUTn channel can be calculated as:
Where:
IMAX is the maximum programmable output current for each output;
DCn is the programmed dot correction value for output (DCn = 0 to 63);
n = 0 to 11
Dot correction data are simultaneously entered for all channels. The complete dot correction data format consists of 12 x 6-bit words, which
forms a 72-bit serial data packet (see Figure 31) and 8-bit for the identifier. Channel data is put on one by one, and the data is clocked in with the
MSB first.
Figure 31. Dot Correction Data Packet Format
The Dot Correction data is only valid if the exact identifier byte was send. Otherwise the data will be ignored.
Setting Greyscale Brightness (PWM)
The brightness of each channel output can be adjusted using a 12 bits-per-channel PWM control scheme which results in 4096 brightness steps,
from 0% to 100% brightness. The brightness level for each output is calculated as:
Where:
GSn is the programmed greyscale value for OUTn (GSn = 0 to 4095);
n = 0 to 11 greyscale data for all outputs.
The device powers up with the following default settings: GS = 0 and DC = 0.
IOUTn = IMAX x
DCn
63
(EQ 1)
%Brightness =
GSn
4095
(EQ 2)
x 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com