Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 15 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 15 Page - ams AG

Back Button AS1122 Datasheet HTML 11Page - ams AG AS1122 Datasheet HTML 12Page - ams AG AS1122 Datasheet HTML 13Page - ams AG AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG AS1122 Datasheet HTML 18Page - ams AG AS1122 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
14 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
The input shift register shifts greyscale data into the greyscale register for all channels simultaneously. The complete greyscale data format con-
sists of 12 x 12 bit words, which forms a 144-bit wide data packet (see Figure 32) plus the 8-bit for the identifier.
Figure 32. PWM Data Packet Format
The PWM data is only valid if the exact identifier byte was send. Otherwise the data will be ignored.
Command Data
In the command register of the AS1122 some configuration of the device can be done. After sending the correct identifier the 8 bits of the com-
mand register are accessible.
The complete status information data packet is shown in Figure 33.
Figure 33. Command Packet Format
Table 7. Command Register Format
Bit
Bit Name
Default
Access
Bit Description
7:5
-
000
n/a
4
Read SID
0
W
0: normal operation
1: read Status Information Register (SID)
3
OPEN Test
0
W
0: no test is running
1: start OPEN test
2
Over Temperature
Power down
0
W
0: If an overtemperature condition occurs the OUTn are NOT switched off
automatically.
1: If an overtemperature condition occurs the OUTN are switched off
automatically.
1
Display One Time
0
W
0: The PWM is running endless
1: The PWM is running for one cycle
0
OEN
0
W
0: This bit must be ‘0’ as well as bit3 of the last valid identifier to turn ON all
channels.
1: all channels are OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com