Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 17 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 17 Page - ams AG

Back Button AS1122 Datasheet HTML 13Page - ams AG AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG AS1122 Datasheet HTML 18Page - ams AG AS1122 Datasheet HTML 19Page - ams AG AS1122 Datasheet HTML 20Page - ams AG AS1122 Datasheet HTML 21Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
16 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
Timing for Cascading of n-devices
With the rising edge of CLKI the data will shifted from SDI into the device. The rising edge of CLKI is shifted through the devices to CLKO. After
a factory fixed high-time (100ns) the falling edge of CLKO is triggered and the data are shifted out via SDO. This ensures a synchronous timing
between CLKO and SDO. The CLK period (frequency) will stay the same only the duty cycle will be changed.
The fixed high-time will vary with +/- 30%.
Figure 36. Clock Handling with 5MHz Data-Clock
Figure 37. Clock Handling with 2MHz Data-Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com