Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 16 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 16 Page - ams AG

Back Button AS1122 Datasheet HTML 12Page - ams AG AS1122 Datasheet HTML 13Page - ams AG AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG AS1122 Datasheet HTML 17Page - ams AG AS1122 Datasheet HTML 18Page - ams AG AS1122 Datasheet HTML 19Page - ams AG AS1122 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
15 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
Status Information Data (SID)
The AS1122 contains an integrated status information register. After latching the correct identifier with a 16 bit data word the input shift register
data is replaced with status information data.
With the next 16 clock cycles the Open LED information, the Overtemperature-Warning and -Error flag as well as the power-on reset (POR) flag
can be read out at pin SDO. The status information data packet is 16 bits wide. Bits 11:0 contain the open LED detection status of each channel.
Bit 12 is the overtemperature-warning flag, bit 13 is the overtemperature-error flag and bit 14 indicates if the POR was triggered. The complete
status information data packet is shown in Figure 34.
Figure 34. Status Information Data Packet Format
Note:
Bit14 (POR) is set to ‘1’ after start-up and after triggering a power-on reset due to a supply voltage drop. Must be set to ‘0’ manually.
Readback the Status Information Data
To read out the SID the read bit in the command data needs to be set to “1”. After the new command data is lachted into the device the SID is
shifted to the SDO register and will be shifted out with the next running clk cycles on CLKI. After keeping the clk low for the time tlow, the device
is reset again and can be programmed with need information.
Figure 35. Reading of the Status Information Register
Setting Maximum Channel Current
The maximum output current per channel is programmed by a single resistor RIREF, which is placed between pin IREF and GND. The voltage on
pin IREF is set by an internal band gap VIREF (1.27V typ). The maximum channel current is equivalent to the current flowing through RIREF mul-
tiplied by a factor of 31.5. The maximum output current is calculated as:
Where:
VIREF = 1.27V;
RIREF = User-selected external resistor.
IMAX =
VIREF
RIREF
x 31.5
(EQ 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com