Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 8 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 8 Page - ams AG

Back Button AS1122 Datasheet HTML 4Page - ams AG AS1122 Datasheet HTML 5Page - ams AG AS1122 Datasheet HTML 6Page - ams AG AS1122 Datasheet HTML 7Page - ams AG AS1122 Datasheet HTML 8Page - ams AG AS1122 Datasheet HTML 9Page - ams AG AS1122 Datasheet HTML 10Page - ams AG AS1122 Datasheet HTML 11Page - ams AG AS1122 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
7 - 22
AS112
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
Figure 10. ICOC vs. Temperature; REXT = 1k
Ω
Figure 11. ICOC vs. Temperature; REXT = 10k
Ω
38
38.5
39
39.5
40
40.5
41
41.5
42
-40
-15
10
35
60
85
Ambient Temperature( C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.6V
3.8
3.85
3.9
3.95
4
4.05
4.1
4.15
4.2
-40
-15
10
35
60
85
Ambient Temperature( C)
Vdd = 2.7V
Vdd = 3.0V
Vdd = 3.6V
Figure 12. ICOC vs. REXT
Figure 13. ICOC vs. Dot Correction; REXT = 1k
Ω
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
RIREF (kOhm)
0
5
10
15
20
25
30
35
40
0
9
18
27
36
45
54
63
Dot Correction
Figure 14. ICOC vs. PWM; REXT = 1k
Ω
Figure 15. ICOC vs. PWM; REXT = 1k
Ω
0
5
10
15
20
25
30
35
40
0
500 1000 1500 2000 2500 3000 3500 4000
PWM (#)
0
0.1
0.2
0.3
0.4
0
2
4
6
8
10
12
14
16
18
20
PWM (#)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com