Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 2 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 2 Page - ams AG

  AS1122 Datasheet HTML 1Page - ams AG AS1122 Datasheet HTML 2Page - ams AG AS1122 Datasheet HTML 3Page - ams AG AS1122 Datasheet HTML 4Page - ams AG AS1122 Datasheet HTML 5Page - ams AG AS1122 Datasheet HTML 6Page - ams AG AS1122 Datasheet HTML 7Page - ams AG AS1122 Datasheet HTML 8Page - ams AG AS1122 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
A S 11 2 2
1 2 - C h a n n e l L E D D r i v e r w i t h D o t C o r r e c t i o n a n d G r e y s c a l e P W M
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
1 - 22
D a ta s h e e t
1 General Description
The AS1122 is a 12-channel, constant current-sink LED driver. Each
of the 12 channels can be individually adjusted by 4096-step
greyscale PWM brightness control and 64-step constant-current sink
(dot correction).
The dot correction circuitry adjusts the brightness variations between
the AS1122 channels and other LED drivers. Greyscale control and
dot correction circuitry are accessible via a simple SPI-compatible
serial interface.
The open LED detection function indicates a broken or disconnected
LED at one or more of the outputs. The overtemperature flag indi-
cates that the device is in an overtemperature condition.
A single external resistor sets the maximum current value of all 12
channels.
The AS1122 is available in a 24-pin QFN 4x4mm package.
Figure 1. AS1122 - Typical Application Diagram
2 Key Features
Greyscale PWM Control: 12-Bit (4096 Steps)
Dot Correction: 6-Bit (64 Steps)
Drive Capability (Constant-Current Sink): 0 to 40mA
LED Power Supply Voltage: up to 30V
Supply Voltage Range: 2.7V to 3.6V
Output Delay for controlled Inrush Current (factory set, can be
turned off)
Factory set rise- and fall-time for EMI improvement
Internal PWM Clock: 10 MHz (typ)
Data Transfer Clock Rate: up to 5 MHz
CMOS Level I/O
Diagnostic Features
24-pin QFN 4x4mm Package
3 Applications
The device is ideal for mono-, multi-, and full-color LED displays,
LED signboards, and display backlights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com