Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 3 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 3 Page - ams AG

  AS1122 Datasheet HTML 1Page - ams AG AS1122 Datasheet HTML 2Page - ams AG AS1122 Datasheet HTML 3Page - ams AG AS1122 Datasheet HTML 4Page - ams AG AS1122 Datasheet HTML 5Page - ams AG AS1122 Datasheet HTML 6Page - ams AG AS1122 Datasheet HTML 7Page - ams AG AS1122 Datasheet HTML 8Page - ams AG AS1122 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
2 - 22
AS1122
Datasheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1
SDI
Serial Data Input
2
CLKI
Serial Data Clock Input
5
CLKO
Serial Data Clock Output
6
SDO
Serial Data Output
7:12, 19:24
OUT0:OUT11
Constant-Current Outputs 0:11
13
VDD
Power Supply Voltage
14
IRQ
Interrupt Request Output. Open drain pin, can be left open if not used.
15
RST
Reset Input. Pull this pin to high to reset all registers (set to default values) and to put the device into
shutdown. Connect this pin to GND for normal operation.
16
IREF
Reference Current Terminal. A resistor connected to this pin sets the maximum output currents (see
Setting Maximum Channel Current on page 15).
18
GND
Ground
3, 4, 17
NC
Not Connected. Connect to GND if not used.
25
Thermal Pad
Ground. This pin must be connected to GND to ensure normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com