Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1122 Datasheet(PDF) 12 Page - ams AG

Part # AS1122
Description  12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1122 Datasheet(HTML) 12 Page - ams AG

Back Button AS1122 Datasheet HTML 8Page - ams AG AS1122 Datasheet HTML 9Page - ams AG AS1122 Datasheet HTML 10Page - ams AG AS1122 Datasheet HTML 11Page - ams AG AS1122 Datasheet HTML 12Page - ams AG AS1122 Datasheet HTML 13Page - ams AG AS1122 Datasheet HTML 14Page - ams AG AS1122 Datasheet HTML 15Page - ams AG AS1122 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
www.austriamicrosystems.com/LED-Driver-ICs
Revision 1.00
11 - 22
AS1122
Datasheet - D e t a i l e d D e s c r i p t i o n
Register Access
Before data are accepted by the AS1122, an identifier needs to be send in advance. Only 3 defined identifiers will be recognized, all other bit
combinations will be ignored.
The identifier maps the input register to the identified register and all data on pin SDI will be clocked into this register. This selection is valid as
long as no internal LD signal is triggered. When data is latched into the device the identifier selection is reset and for the next data word a new
identifier needs to be send. Every identifier requires a certain data section length. If this length is not corresponding with the identifier, the data
will be ignored.
Note:
Bit3 of the identifier is an global on/off bit. When bit3 of any identifier is set to logic ‘0’ and the OEN bit of the command register (see
Figure 7 on page 14) is ‘0’ (per default), the output channels are immediately turned on.
Dot Correction (DC)
The AS1122 offers a 6 bit (64 steps) Dot Correction per Output channel. After sending the 8 bit identifier for access to the DC register the device
is waiting for 72 bits to receive. If more or less bits are send the whole dataword will be ignored.
Figure 25. Dot Correction Input Timing Diagram
For n devices in a chain only one identifier needs to be send to set all n devices to the same register setting.
Figure 26. Dot Correction for n-devices
Table 6. Identifier
Identifier
Bit
Data Section
length
Description
7
6
5
4
3
2
1
0
Dot Correction Data
1
1
0
0
1 / 0
0
0
1
72 bits
writes Data into Dot Correction Register
PWM Data
1
1
0
0
1 / 0
0
1
0
144 bits
writes Data into PWM Register
Command Data
1
1
0
0
1 / 0
1
0
0
8 bits
writes Data into Command Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com