Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 8 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 8 Page - ams AG

Back Button AS1312 Datasheet HTML 4Page - ams AG AS1312 Datasheet HTML 5Page - ams AG AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG AS1312 Datasheet HTML 11Page - ams AG AS1312 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
8 - 20
AS1312
Datasheet - D e t a i l e d D e s c r i p t i o n
Figure 10. Simplified Voltage and Current Waveforms
Another important relationship is the “volt-seconds” law. Expressed as following:
(EQ 4)
Voltages are those measured across the inductor during each time segment. Figure 10 shows this graphically with the shaded segments marked
“A & B”. Re-arranging (EQ 4):
(EQ 5)
The time segment called TWAIT in Figure 10 is a measure of the “hold-up” time of the output capacitor. While the output voltage is above the
threshold (0.99xVOUT), the output is assumed to be in regulation and no further switching occurs.
8.1.2
Inductor Choice Example
For the AS1312 VIN_MIN = 0.9V, VOUT_MAX = 3.3V, (EQ 5) gives Ton=2.66TOFF.
Let the maximum operating on-time = 1µs.
Note that this is shorter than the minimum limit on-time of 3.6µs. Therefore from (EQ 5), TOFF = 0.376µs. Using (EQ 3), LMAX is obtained:
LMAX = 1.875µH. The nearest preferred value is 2.2µH.
This value provides the maximum energy storage for the chosen fixed on-time limit at the minimum VIN.
IPK
T
T
VOUT
VIN
0
0
TWAIT
TOFF
TON
TWAIT
TOFF
SW1_on
SW2_off
SW1_off
SW2_on
V
IL
VIND_TON
VIND_TOFF
T
C
B
B
A
T
C
D
D
VOUT Ripple
0.99VOUT_NOM
V
ON TO N
V
O FFTO FF
=
T
O N
T
O FF
-------------
V
O UT
V
IN
–
V
IN
----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com