Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 19 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 19 Page - ams AG

Back Button AS1312 Datasheet HTML 12Page - ams AG AS1312 Datasheet HTML 13Page - ams AG AS1312 Datasheet HTML 14Page - ams AG AS1312 Datasheet HTML 15Page - ams AG AS1312 Datasheet HTML 16Page - ams AG AS1312 Datasheet HTML 17Page - ams AG AS1312 Datasheet HTML 18Page - ams AG AS1312 Datasheet HTML 19Page - ams AG AS1312 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
19 - 20
AS1312
Datasheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The device is available as the standard products listed below.
Table 8. Ordering Information
Ordering Code
Marking
VOUT
Description
Delivery Form
Package
AS1312-BTDT-50
BE
5.0V
Ultra Low Quiescent Current, Hysteretic DC-DC
Step-Up Converter
Tape and Reel
8-pin (2x2) TDFN
AS1312-BTDT-33
BX
3.3V
Tape and Reel
8-pin (2x2) TDFN
AS1312-BWLT-50
BF
5.0V
Tape and Reel
8-pin WL-CSP
AS1312-BWLT-45
BQ
4.5V
Tape and Reel
8-pin WL-CSP
AS1312
1
1. Non-standard devices from 2.5V to 5.0V are available in 50mV steps.
For more information and inquiries contact http://www.ams.com/contact
All products are RoHS compliant and ams green.
Buy our products or get free samples online at www.ams.com/ICdirect
Technical Support is available at www.ams.com/Technical-Support
For further information and requests, email us at sales@ams.com
(or) find your local distributor at www.ams.com/distributor
tbd
xx
Tape and Reel
tbd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com