Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 4 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 4 Page - ams AG

  AS1312 Datasheet HTML 1Page - ams AG AS1312 Datasheet HTML 2Page - ams AG AS1312 Datasheet HTML 3Page - ams AG AS1312 Datasheet HTML 4Page - ams AG AS1312 Datasheet HTML 5Page - ams AG AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
4 - 20
AS1312
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed by production tests or SQC (Statistical Quality Control)
methods.
VIN = 1.5V, C1 = C2 = 22µF, CREF = 100nF, Typical values are at TAMB = +25ºC. Unless otherwise specified. All limits are guaranteed. The
parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality Control) methods.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
TAMB
Operating Temperature Range
-40
85
°C
TJ
Operating Junction Temperature Range
-40
125
°C
Input
VIN
Input Voltage Range
0.7
5.0
V
Minimum Startup Voltage
TAMB = +25°C
0.9
V
Regulation
VOUT
Output Voltage Range
2.5
5.0
V
Output Voltage Tolerance
ILOAD = 0mA to 10mA, TAMB = +25°C
-2
+2
%
ILOAD = 0mA to 10mA
-4
+4
%
ILOAD = 0mA to 30mA,
TAMB = -20°C to +60°C
-2
+2
%
VOUT Lockout Threshold
1
Rising Edge
2.45
V
Operating Current
IQ
Quiescent Current VIN
VOUT = 1.02xVOUTNOM,
REF = 0.99xVOUTNOM, TAMB = +25°C
100
nA
Quiescent Current VOUT
VOUT = 5V, No load, TAMB = +25°C
0.7
1
1.3
µA
ISHDN
Shutdown Current
TAMB = +25ºC
100
nA
Switches
RON
NMOS
VOUT = 5V
0.4
Ω
PMOS
0.45
Ω
NMOS maximum on-time
3.3
4.0
4.6
µs
IPEAK
Peak current limit
400
mA
Zero crossing current
5
20
35
mA
Enable, Reference
VENH
EN input voltage ‘high’
0.7
V
VENL
EN input voltage ‘low’
0.1
V
IEN
EN input bias current
EN = 5V, TAMB = +25°C
100
nA
IREF
REF input bias current
REF = 0.99xVOUTNOM, TAMB = +25°C
100
nA
Low Battery & Power-OK
VLBI
LBI threshold
Falling edge
0.57
0.6
0.63
V
LBI hysteresis
25
mV
ILBI
LBI leakage current
LBI
≤ VIN or VOUT (which ever is higher),
TAMB = +25°C
100
nA
VLBO
LBO voltage low
2
ILBO = 1mA
5
20
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com