Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 2 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 2 Page - ams AG

  AS1312 Datasheet HTML 1Page - ams AG AS1312 Datasheet HTML 2Page - ams AG AS1312 Datasheet HTML 3Page - ams AG AS1312 Datasheet HTML 4Page - ams AG AS1312 Datasheet HTML 5Page - ams AG AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
2 - 20
AS1312
Datasheet - P i n A s s i g n m e n t s
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
WL-CSP
TDFN
A1
1
LBI
Low Battery Comparator Input. 0.6V Threshold. May not be left floating. If connected to
GND, LBO is working as Power Output OK.
A2
2
GND
Ground
A3
3
LX
External Inductor Connector.
A4
4
VOUT
Output Voltage. Decouple VOUT with a ceramic capacitor as close as possible to VOUT
and GND.
B4
5
REF
Reference Pin. Connect a 100nF ceramic capacitor to this pin.
B3
6
LBO
Low Battery Comparator Output. Open-drain output.
B2
7
EN
Enable Pin. Logic controlled shutdown input.
1 = Normal operation;
0 = Shutdown; shutdown current <100nA.
B1
8
VIN
Battery Voltage Input. Decouple VIN with a ceramic capacitor as close as possible to VIN
and GND.
-
9
NC
Exposed Pad. This pad is not connected internally. Can be left floating or connect to GND
to achieve an optimal thermal performance.
AS1312
GND 2
VOUT 4
LBI 1
LX 3
REF
5
LBO
6
EN
7
VIN
8
9
8-pin (2x2) TDFN
8-pin WL-CSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com