Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 11 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 11 Page - ams AG

Back Button AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG AS1312 Datasheet HTML 11Page - ams AG AS1312 Datasheet HTML 12Page - ams AG AS1312 Datasheet HTML 13Page - ams AG AS1312 Datasheet HTML 14Page - ams AG AS1312 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
11 - 20
AS1312
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
The AS1312 is available with fixed output voltages from 2.5V to 5.0V in 50mV steps.
Figure 11. AS1312 - Block Diagram
9.1 AS1312 Features
Shutdown.
The part is in shutdown mode while the voltage at pin EN is below 0.1V and is active when the voltage is higher than 0.7V.
Note:
EN can be driven above VIN or VOUT, as long as it is limited to less than 5.0V.
Output Disconnect.
During shutdown VOUT is going to 0V and no current from the input source is running through the device.
Feedthrough Mode.
If the input voltage is higher than the output voltage (and the AS1312 is enabled) the supply voltage is connected to the load through the device.
To guarantee a proper function of the AS1312 it is not allowed that the supply exceeds the maximum allowed input voltage (5.0V).
In this feedthrough mode the quiescent current is 35µA (typ.). The device goes back into step-up mode when the output voltage is 4% (typ.)
below VOUTNOM.
Zero
Crossing
Detector
AS1312
Driver
and
Control
Logic
Startup
Circuitry
6.8µH
0.7 to 5.0V
Input
Imax
Detection
CIN
22µF
+
–
2.5V to 5.0V
Output
COUT
22µF
LX
EN
VOUT
GND
VREF
REF
LBO
R3
VIN
LBI
CREF
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com