Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 9 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 9 Page - ams AG

Back Button AS1312 Datasheet HTML 5Page - ams AG AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG AS1312 Datasheet HTML 11Page - ams AG AS1312 Datasheet HTML 12Page - ams AG AS1312 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
9 - 20
AS1312
Datasheet - D e t a i l e d D e s c r i p t i o n
Energy stored during the on time is given by:
Joules (Region A in Figure 10)
(EQ 6)
If the overall time period (TON + TOFF) is T, the power taken from the input is:
Watts
(EQ 7)
Assume output power is 0.8 PIN to establish an initial value of operating period T.
TWAIT is determined by the time taken for the output voltage to fall to 0.99xVOUT. The longer the wait time, the lower will be the supply current of
the converter. Longer wait times require increased output capacitance. Choose TWAIT = 10% T as a minimum starting point for maximum energy
transfer. For very low power load applications, choose TWAIT ≥ 50% T.
8.1.3
Output Loop Timing
The output loop consists of the main inductor, P-channel synchronous switch (or diode if fitted), output capacitor and load. When the input loop is
interrupted, the voltage on the LX pin rises (Lenz’s Law). At the same time a comparator enables the synchronous switch, and energy stored in
the inductor is transferred to the output capacitor and load. Inductor peak current supports the load and replenishes the charge lost from the
output capacitor. The magnitude of the current from the inductor is monitored, and as it approaches zero, the synchronous switch is turned off.
No switching action continues until the output voltage falls below the output reference point (0.99 x VOUT).
Output power is composed of the dc component (Region C in Figure 10):
PREGION_C =
(EQ 8)
Output power is also composed of the inductor component (Region B in Figure 10), neglecting efficiency loss:
PREGION_B =
(EQ 9)
Total power delivered to the load is the sum of (EQ 8) and (EQ 9):
(EQ 10)
From (EQ 3) (using nominal values) peak current is given by:
(EQ 11)
Substituting (EQ 11) into (EQ 10) and re-arranging:
(EQ 12)
0.9T incorporates a wait time TWAIT = 10% T
Output power in terms of regulated output voltage and load resistance is:
(EQ 13)
Combining (EQ 12) and (EQ 13):
(EQ 14)
Symbol
η reflects total energy loss between input and output and is approximately 0.8 for these calculations. Use (EQ 14) to plot duty cycle
(TON/T) changes for various output loadings and changes to VIN.
E
0,5L I
PK
(
)
2
=
P
IN
0,5L I
PK
(
)
2
T
---------------------------
=
V
IN
I
PK
2
--------
T
OF F
T
-------------
0,5L I
PK
(
)
2
T
---------------------------
P
TOTAL
V
IN
I
PK
2
--------
T
O FF
T
-------------
0,5L I
P K
(
)
2
T
---------------------------
+
=
I
PK
T
ON VIN
L
-------------------
=
P
TOTAL
V
2
INTON
2TL
---------------------- 0,9T
(
)
=
P
OU T
V
2
O UT
R
LO AD
-----------------
=
V
2
O U T
R
LO AD
-----------------
V
2
INTON
2TL
---------------------- 0,9T
(
)η
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com