Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 6 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 6 Page - ams AG

Back Button AS1312 Datasheet HTML 2Page - ams AG AS1312 Datasheet HTML 3Page - ams AG AS1312 Datasheet HTML 4Page - ams AG AS1312 Datasheet HTML 5Page - ams AG AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
6 - 20
AS1312
Datasheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VOUT = 5.0V, TAMB = +25°C, unless otherwise specified.
Figure 3. Efficiency vs. Output Current
Figure 4. Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
Output Current (mA)
Vin = 0.9V
Vin = 1.5V
Vin = 2.5V
Vin = 4.0V
L1: LPS4018-682M
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
Output Current (mA)
Vin = 0.9V
Vin = 1.5V
Vin = 2.5V
Vin = 4.0V
L1: XPL2010-682M
Figure 5. Efficiency vs. Input Voltage
Figure 6. Maximum Output Current vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Input Voltage (V)
Iout = 1mA
Iout=10mA
Iout=50mA
Iout=100mA
L1: XPL2010-682M
0
25
50
75
100
125
150
175
200
1
1.5
2
2.5
3
3.5
4
4.5
Input Voltage (V)
Figure 7. Start-up Voltage vs. Output Current
Figure 8. Output Voltage Ripple; VIN = 2V, Rload = 100
Ω
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
0.95
1
0
1
2
3
4
5
6
7
8
9
10
Output Current (mA)
5µs/Div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com