Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 13 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 13 Page - ams AG

Back Button AS1312 Datasheet HTML 9Page - ams AG AS1312 Datasheet HTML 10Page - ams AG AS1312 Datasheet HTML 11Page - ams AG AS1312 Datasheet HTML 12Page - ams AG AS1312 Datasheet HTML 13Page - ams AG AS1312 Datasheet HTML 14Page - ams AG AS1312 Datasheet HTML 15Page - ams AG AS1312 Datasheet HTML 16Page - ams AG AS1312 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
13 - 20
AS1312
Datasheet - A p p l i c a t i o n I n f o r m a t i o n
9.1.2
Thermal Shutdown
To prevent the AS1312 from short-term misuse and overload conditions the chip includes a thermal overload protection. To block the normal
operation mode all further switching is inhibited for output voltage above VOUT lockout threshold. The device is in thermal shutdown when the
junction temperature exceeds 150°C. To resume the normal operation the temperature has to drop below 140°C.
A good thermal path has to be provided to dissipate the heat generated within the package. Otherwise it’s not possible to operate the AS1312 at
its usable maximal power. To dissipate as much heat as possible from the package into a copper plane with as much area as possible, it’s
recommended to use multiple vias in the printed circuit board. It’s also recommended to solder the Exposed Pad (pin 9) to the GND plane.
Note:
Continuing operation in thermal overload conditions may damage the device and is considered bad practice.
9.2 Component Selection
Only four components are required to complete the design of the step-up converter. The low peak currents of the AS1312 allow the use of low
value, low profile inductors and tiny external ceramic capacitors.
9.3 Inductor Selection
For best efficiency, choose an inductor with high frequency core material, such as ferrite, to reduce core losses. The inductor should have low
DCR (DC resistance) to reduce the I²R losses, and must be able to handle the peak inductor current without saturating. A 6.8µH inductor with a
> 500mA current rating and < 500m
Ω DCR is recommended.
9.4 Capacitor Selection
The convertor requires three capacitors. Ceramic X5R or X7R types will minimize ESL and ESR while maintaining capacitance at rated voltage
over temperature. The VIN capacitor should be 22µF. The VOUT capacitor should be between 22µF and 47µF. A larger output capacitor should
be used if lower peak to peak output voltage ripple is desired. A larger output capacitor will also improve load regulation on VOUT. See Table 5
for a list of capacitors for input and output capacitor selection.
On the pin REF a 100nF capacitor with an Insulation resistance >1G
Ω is recommended.
Table 4. Recommended Inductors
Part Number
L
DCR
Current Rating
Dimensions (L/W/T)
Manufacturer
XPL2010-682M
6.8µH
421m
Ω
0.62A
2.0x1.9x1.0mm
Coilcraft
www.coilcraft.com
EPL2014-682M
6.8µH
287m
Ω
0.59A
2.0x2.0x1.4mm
LPS3015-682M
6.8µH
300m
Ω
0.86A
3.0x3.0x1.5mm
LPS3314-682M
6.8µH
240m
Ω
0.9A
3.3x3.3x1.3mm
LPS4018-682M
6.8µH
150m
Ω
1.3A
3.9x3.9x1.7mm
LQH32CN6R8M53L
6.8µH
250m
Ω
0.54A
3.2x2.5x1.55mm
Murata
www.murata.com
LQH3NPN6R8NJ0L
6.8µH
210m
Ω
0.7A
3.0x3.0x1.1mm
LQH44PN6R8MJ0L
6.8µH
143m
Ω
0.72A
4.0x4.0x1.1mm
Table 5. Recommended Input and Output Capacitors
Part Number
C
TC Code
Rated Voltage
Dimensions (L/W/T)
Manufacturer
GRM21BR60J226ME99
22µF
X5R
6.3V
0805, T=1.25mm
Murata
www.murata.com
GRM31CR61C226KE15
22µF
X5R
16V
1206, T=1.6mm
GRM31CR60J475KA01
47µF
X5R
6.3V
1206, T=1.6mm
Table 6. Recommended Capacitors for REF
Part Number
C
TC Code
Insulation
Resistance
Rated
Voltage
Dimensions (L/W/T)
Manufacturer
GRM188R71C104KA01
100nF
X7R
>5G
Ω
16V
0603, T=0.8mm
Murata
www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com