Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1312 Datasheet(PDF) 5 Page - ams AG

Part # AS1312
Description  Ul t ra Low Quiescent Cur rent , Hysteret ic DC-DC Step-Up Conver ter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1312 Datasheet(HTML) 5 Page - ams AG

  AS1312 Datasheet HTML 1Page - ams AG AS1312 Datasheet HTML 2Page - ams AG AS1312 Datasheet HTML 3Page - ams AG AS1312 Datasheet HTML 4Page - ams AG AS1312 Datasheet HTML 5Page - ams AG AS1312 Datasheet HTML 6Page - ams AG AS1312 Datasheet HTML 7Page - ams AG AS1312 Datasheet HTML 8Page - ams AG AS1312 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
www.ams.com/DC-DC_Step-Up
Revision 1.12
5 - 20
AS1312
Datasheet - E l e c t r i c a l C h a r a c t e r i s t i c s
ILBO
LBO leakage current
TAMB = +25°C
100
nA
Power-OK threshold
LBI = 0V, Falling Edge
87
91
95
%
Thermal Protection
Thermal shutdown
3
10°C Hysteresis
150
°C
1. The regulator is in startup mode until this voltage is reached.
Caution:
Do not apply full load current until the device output > 2.5V
2. LBO goes low in startup mode as well as during normal operation if,
(i) The voltage at the LBI pin is higher than LBI threshold.
(ii) The voltage at the LBI pin is below 0.1V (connected to GND) and VOUT is below 92.5% of its nominal value.
3. Further switching is inhibited.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com