Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 7 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 7 Page - ams AG

Back Button AS1376 Datasheet HTML 3Page - ams AG AS1376 Datasheet HTML 4Page - ams AG AS1376 Datasheet HTML 5Page - ams AG AS1376 Datasheet HTML 6Page - ams AG AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG AS1376 Datasheet HTML 10Page - ams AG AS1376 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
6 - 19
AS1376
Datasheet - Ty pical Operating Characteristics
7 Typical Operating Characteristics
VIN = 1.2V, VBIAS = 2.5V, VOUT = 1.0V, EN = VBIAS, CIN = COUT = 1µF, CBIAS = 4µF. Typical values are at TAMB = +25ºC (unless otherwise
specified).
Figure 3. Bias Supply Current vs. Bias Supply Voltage
Figure 4. Bias Supply Current vs. Bias Supply Voltage
50
55
60
65
70
2.5
33.544.5
55.5
Bias Supply Voltage (V)
no load
Iout = 700mA
Iout = 1A
40
45
50
55
60
65
70
75
80
2.5
3
3.5
4
4.5
5
5.5
Bias Supply Voltage (V)
- 40°C
+25°C
+90°C
Figure 5. Ground Current vs. Bias Supply Voltage
Figure 6. Ground Current vs. Bias Supply Voltage
50
55
60
65
70
75
80
85
90
2.5
3
3.5
4
4.5
5
5.5
Bias Supply Voltage (V)
- 40°C
+25°C
+90°C
no load
50
55
60
65
70
75
80
85
90
95
2.533.544.555.5
Bias Supply Voltage (V)
- 40°C
+25°C
+90°C
Iout=1A
Figure 7. Ground Current vs. Bias Supply Voltage
Figure 8. Ground Current vs. Load Current
60
65
70
75
80
2.5
3
3.5
4
4.5
5
5.5
Bias Supply Voltage (V)
no l oad
Iout =1A
50
55
60
65
70
75
80
85
0
100
200
300
400
500 600
700
800
900 1000
Load Current (mA)
-40°C
+25°C
+90°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com