Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 3 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 3 Page - ams AG

  AS1376 Datasheet HTML 1Page - ams AG AS1376 Datasheet HTML 2Page - ams AG AS1376 Datasheet HTML 3Page - ams AG AS1376 Datasheet HTML 4Page - ams AG AS1376 Datasheet HTML 5Page - ams AG AS1376 Datasheet HTML 6Page - ams AG AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
2 - 19
AS1376
Datasheet - Pin Assignm ents
4 Pin Assignments
Figure 2. Pin Assignments (Top View)
4.1 Pin Descriptions
Table 1. Pin Descriptions
Pin Number
Pin Name
Description
1, 2
VIN
Unregulated Input Voltage. 0.7V to 3.6V. Bypass this pin with a capacitor to GND.
3
VBIAS
Bias Input Voltage. 2.5V to 5.5V. Bypass this pin with a capacitor to GND.
4
GND
Ground.
5
EN
Enable. Pull this pin to low to disable the device.
6
NC
Leave this pin unconnected.
7
FB
Feedback Pin. Connect to VOUT to select the factory-preset output voltage. For the adjustable version
connect to an external resistor divider to set output voltage.
8
VOUT
Regulated Output Voltage. 0.5V to 3.3V. Bypass this pin with a capacitor to GND.
9
Exposed Pad. This pad is not connected internally. Ensure a good connection to the PCB to achieve
optimal thermal performance.
5 EN
3
VBIAS
2
VIN
1
VIN
8 VOUT
AS1376
4
GND
7FB
6NC
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com