Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 2 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 2 Page - ams AG

  AS1376 Datasheet HTML 1Page - ams AG AS1376 Datasheet HTML 2Page - ams AG AS1376 Datasheet HTML 3Page - ams AG AS1376 Datasheet HTML 4Page - ams AG AS1376 Datasheet HTML 5Page - ams AG AS1376 Datasheet HTML 6Page - ams AG AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
AS1376
1A, Low Input Voltage, Low Quiescent Current LDO
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
1 - 19
Datasheet
1 General Description
The AS1376 is a Dual Supply Rail Linear Regulator designed to
deliver 1A of load current while consuming only 67µA (typ) of ground
current. In the typical post regulation application VBIAS is directly
connected to the main input supply, (range 2.5V...5.5V) and VIN is
supplied by the output voltage of a host DC-DC Converter (range
0.7V...4.5V).
The device offers excellent dropout (120mV @ 1A) and transient
performance.
In shutdown (Enable pin pulled low), the device turns off and reduces
quiescent current consumption to 10nA (typ) at both VBIAS and VIN
terminals.
In shutdown, a 100
 (typ) discharge path is connected between
output and ground to provide rapid discharge of the overall load
capacitance connected to the AS1376 output terminal. Auto-
discharge minimizes the possibility that VOUT > VIN during
shutdown. When VOUT > VIN, reverse current flows through the
inherent body diode of the N-channel series pass transistor.
The AS1376 also features internal protection against over-
temperature, over-current and under-voltage conditions.
The device is available in an 8-pin 2x2 TDFN package and is
qualified for operation over the -40ºC to +85ºC temperature range.
The device is available in fixed output voltages from 0.5V up to 2.2V
in 100mV steps (50mV from 0.5V to 1.1V). See Ordering Information
on page 18.
Figure 1. AS1376 - Typical Application Diagram
2 Key Features

Ultra-Low Dropout Voltage: <120mV @ 1A load

Output voltages: 0.5V to 2.2V

Input voltage: 0.7V to 3.6V

Bias Supply Voltage: 2.5V to 5.5V

Maximum Output Current: 1A

Output Voltage Accuracy: ±2%

Low Shutdown Current: 20nA

Wide band VBIAS PSRR 45dB (typ) 10mA load

Integrated Overtemperature / Overcurrent Protection

Chip Enable Input

Minimal external components required

Operating Temperature Range: -40°C to +85°C

8-pin 2x2mm TDFN Package

2 weeks availability for non-standard devices between 0.5V and
1.1V in 50mV steps and between 1.1V and 2.2V in 100mV
steps.
3 Applications
The devices are ideal for powering cordless and mobile phones,
MP3 players, CD and DVD players, PDAs, hand-held computers,
digital cameras and any other hand-held and/or battery-powered
device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com