Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 6 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 6 Page - ams AG

Back Button AS1376 Datasheet HTML 2Page - ams AG AS1376 Datasheet HTML 3Page - ams AG AS1376 Datasheet HTML 4Page - ams AG AS1376 Datasheet HTML 5Page - ams AG AS1376 Datasheet HTML 6Page - ams AG AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG AS1376 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
5 - 19
AS1376
Datasheet - Electrical Character i s t ics
Note:
All limits are guaranteed. The parameters with min and max values are guaranteed with production tests or SQC (Statistical Quality
Control) methods.
Shutdown
IEN
Enable Input Bias Current
0.001
1
µA
VIH
Enable Input Threshold
VIN = 0.7 to 3.6V
1
V
VIL
0.4
Thermal Protection
TSHDN
Thermal Shutdown Temperature
155
ºC
TSHDN
Thermal Shutdown Hysteresis
30
ºC
Transient Characteristics
VOUT
Dynamic Load Transient Response
VBIAS
±35
mV
tON
Exit Delay from Shutdown
Settling to 95%, no Load
72
µs
COUT
Output Capacitor
Load Capacitor Range
1
10
µF
Maximum ESR Load
500
m
1. Valid for adjustable output version only.
2. Limit guaranteed by design and characterization.
Table 3. Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com