Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 19 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 19 Page - ams AG

Back Button AS1376 Datasheet HTML 12Page - ams AG AS1376 Datasheet HTML 13Page - ams AG AS1376 Datasheet HTML 14Page - ams AG AS1376 Datasheet HTML 15Page - ams AG AS1376 Datasheet HTML 16Page - ams AG AS1376 Datasheet HTML 17Page - ams AG AS1376 Datasheet HTML 18Page - ams AG AS1376 Datasheet HTML 19Page - ams AG AS1376 Datasheet HTML 20Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
18 - 19
AS1376
Datasheet - Orderin g Info r m ation
11 Ordering Information
The device is available as the standard products listed in Table 4.
Non-standard devices from 0.5V to 1.1V are available in 50mV steps and from 1.1V and 2.2V in 100mV steps. For more information and
inquiries contact http://www.austriamicrosystems.com/contact
Note:
All products are RoHS compliant.
Buy our products or get free samples online at ICdirect: http://www.austriamicrosystems.com/ICdirect
Technical Support is available at http://www.austriamicrosystems.com/Technical-Support
For further information and requests, please contact us mailto: sales@austriamicrosystems.com
or find your local distributor at http://www.austriamicrosystems.com/distributor
Table 4. Ordering Information
Ordering Code
Marking
Output
Description
Delivery Form
Package
AS1376-BTDT-AD
1
1. Available on request
ABL
adj
1A, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
8-pin 2x2mm TDFN
AS1376-BTDT-08
1
ABM
0.8V
1A, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
8-pin 2x2mm TDFN
AS1376-BTDT-10
1
ABN
1.0V
1A, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
8-pin 2x2mm TDFN
AS1376-BTDT-12
ABT
1.2V
1A, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
8-pin 2x2mm TDFN
AS1376-BTDT-20
1
ABP
2.0V
1A, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
8-pin 2x2mm TDFN
AS1376-BTDT-22
1
ABQ
2.2V
1A, Low Input Voltage, Low
Quiescent Current LDO
Tape and Reel
8-pin 2x2mm TDFN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com