Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 11 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 11 Page - ams AG

Back Button AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG AS1376 Datasheet HTML 10Page - ams AG AS1376 Datasheet HTML 11Page - ams AG AS1376 Datasheet HTML 12Page - ams AG AS1376 Datasheet HTML 13Page - ams AG AS1376 Datasheet HTML 14Page - ams AG AS1376 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
10 - 19
AS1376
Datasheet - Detailed Descr i pti on
8.1 Output Voltages
Standard products are factory-set with output voltages from 0.5V to 2.2V. A two-digit suffix of the part number identifies the nominal output (see
Ordering Information on page 18). Non-standard devices are available.
For more information contact: http://www.austriamicrosystems.com/contact
8.2 Advantages of Dual Supply Architecture vs Traditional Single Supply Approach
Compared to the traditional single supply approach, employing a P-channel series pass MOSFET, the dual rail architecture ensures improved
performances in a LDO when operating at very low input voltages below the threshold of the internal series power N-channel MOSFET. The
extra supply voltage at VBIAS (VBIAS > VIN) ensures that the N-channel MOSFET always operates above its threshold voltage.
Figure 18 shows simplified block diagrams of single supply P-channel LDO and dual rail N-channel series pass architectures.
Figure 18. Single vs. Dual Supply
The P-channel LDO uses a PMOS output transistor connected in a common source configuration. During regulation, the P-channel gate-source
voltage moves between VIN and GND as the load demands. The dual supply approach is based on an N-channel output transistor in common
drain configuration where the source is connected to the regulated output. During regulation, the N-channel gate source voltage increases from
VOUT to VBIAS as the load demands. As the drain voltage is not shared with the remaining blocks of the circuit, its value can be chosen
independently. The N-channel source follower design allows improved efficiency and dropout at low input voltages and provides faster load
transient response.
Bandgap
error
amplifier
PMOS
+
-
core
blocks
VIN
Bandgap
error
amplifier
NMOS
+
-
core
blocks
VIN
VBIAS
VOUT
VOUT
Single Supply
Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com