Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1376 Datasheet(PDF) 8 Page - ams AG

Part # AS1376
Description  1A, Low Input Voltage, Low Quiescent Current LDO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1376 Datasheet(HTML) 8 Page - ams AG

Back Button AS1376 Datasheet HTML 4Page - ams AG AS1376 Datasheet HTML 5Page - ams AG AS1376 Datasheet HTML 6Page - ams AG AS1376 Datasheet HTML 7Page - ams AG AS1376 Datasheet HTML 8Page - ams AG AS1376 Datasheet HTML 9Page - ams AG AS1376 Datasheet HTML 10Page - ams AG AS1376 Datasheet HTML 11Page - ams AG AS1376 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
www.austriamicrosystems.com/LODs/AS1376
Revision 1.4
7 - 19
AS1376
Datasheet - Ty pical Operating Characteristics
Figure 9. PSRR VIN ; VIN=1.5VDC + 300mVpk
Figure 10. PSRR VBIAS; VBIAS=3.5VDC + 500mVpk
-100
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
Frequency (Hz)
-100
-90
-80
-70
-60
-50
-40
100
1000
10000
100000
Frequency (Hz)
Iout=10mA
Figure 11. Line Regulation: VOUT vs. VIN; IOUT=100µA
Figure 12. Line Regulation: VOUT vs. VIN; VBIAS=5.5V
0.985
0.99
0.995
1
1.005
1.01
1.015
1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6
Input Voltage (V)
0.985
0.99
0.995
1
1.005
1.01
1.015
1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4 3.6
Input Voltage (V)
Figure 13. Load Regulation: VOUT vs. IOUT
Figure 14. Output Voltage vs. Temperature; IOUT=1mA
0.985
0.99
0.995
1
1.005
1.01
1.015
0
200
400
600
800
1000
Output Current (mA)
0.985
0.99
0.995
1
1.005
1.01
1.015
-40
-20
0
20
40
60
80
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com